Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4448V Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMBD4448V
Description  150mW Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448V Datasheet(HTML) 3 Page - Micro Commercial Components

  MMBD4448V Datasheet HTML 1Page - Micro Commercial Components MMBD4448V Datasheet HTML 2Page - Micro Commercial Components MMBD4448V Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - MMBD4448V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448V DIODES-MMBD4448V Datasheet
257Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30451 Rev. 5 - 2
MMBD4448V DIODES-MMBD4448V Datasheet
101Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30451 Rev. 7 - 2
logo
Shenzhen Jin Yu Semicon...
MMBD4448V HTSEMI-MMBD4448V Datasheet
617Kb / 2P
   SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD4448V WILLAS-MMBD4448V Datasheet
322Kb / 2P
   SOT-563 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
MMBD4448V JIANGSU-MMBD4448V Datasheet
1Mb / 4P
   SWITCHING DIODE
More results

Similar Description - MMBD4448V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
   150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
   150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
   150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
   150mW Switching Diodes
1SS196 MCC-1SS196_13 Datasheet
565Kb / 3P
   150mW Switching Diodes
BAS16V MCC-BAS16V_13 Datasheet
325Kb / 3P
   150mW Switching Diodes
1SS196 MCC-1SS196 Datasheet
528Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X_11 Datasheet
220Kb / 4P
   150mW Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com