Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ500110RGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500110RGZT
Description  Qi Compliant Wireless Power Transmitter Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ500110RGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ500110RGZT Datasheet HTML 2Page - Texas Instruments BQ500110RGZT Datasheet HTML 3Page - Texas Instruments BQ500110RGZT Datasheet HTML 4Page - Texas Instruments BQ500110RGZT Datasheet HTML 5Page - Texas Instruments BQ500110RGZT Datasheet HTML 6Page - Texas Instruments BQ500110RGZT Datasheet HTML 7Page - Texas Instruments BQ500110RGZT Datasheet HTML 8Page - Texas Instruments BQ500110RGZT Datasheet HTML 9Page - Texas Instruments BQ500110RGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
bq500110
SLUSAE0A
– NOVEMBER 2010 – REVISED APRIL 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
17
LED1 / SCLK
O
LED Drive Output 1 / Serial Clock Output
18
DIAG_DIS
I/O
Disable Diagnostic Output. Leave this pin floating to inhibit diagnostic.
19
PMB_ALERT
I/O
Optional Programming I/O. Connect to GND.
20
PMB_CTRL
I/O
Optional programming I/O. Pull up to VCC via 5.1kΩ resistor.
21
SCI-TX
I/O
Optional Programming I/O. Leave floating.
22
SCI-RX
I/O
Optional Programming I/O. Leave floating.
23
WDO
O
External Watchdog Output
24
BUZ_AC
O
AC Buzzer Output
25
MOSI
I/O
Master Out Slave In
26
LED3/MISO/NO_SUP
I/O
LED Drive Output 3 / Master In Slave Out / Select stand alone operation (no supervisor)
27
TCK
I/O
Optional Programming I/O. Leave floating.
28
TDO
I/O
Optional Programming I/O. Leave floating.
29
TDI
I/O
Optional programming I/O. Pull up to VCC via 5.1kΩ resistor.
30
TMS
I/O
Optional programming I/O. Pull up to VCC via 5.1kΩ resistor.
31
TRST
I/O
Optional programming I/O. Pull to GND via 10k
Ω resistor.
32
DGND
Digital GND
33
V33D
Digital Core 3.3V Supply
34
V33A
Analog 3.3V Supply
35
BPCAP
1.8V Bypass Capacitor Connect Pin
36
AGND
Analog GND
37
AN1
I
Reserved Analog Input. Connect this pin to GND.
38
AN2
I
Reserved Analog Input. Connect this pin to GND.
39
AN3
I
Reserved Analog Input. Connect this pin to GND.
40
AN4
I
Reserved Analog Input. Connect this pin to GND.
41
V33FB
I
3.3V Linear-Regulator Feedback Input. Leave this pin floating.
42
I_COIL
I
Coil Current Input
43
PMOD_THR
I
Input to Program Parasitic Metal Object Detection Threshold
44
LED_MODE
I
Input to Select LED Mode
45
AIN7
I
Reserved Analog Input. Connect this pin to GND.
46
I_IN
I
Transmitter Input Current
47
AGN2
Analog GND 2.
48
EXTREF
I
External Reference Voltage Input. Connect this Input to GND.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :bq500110


Similar Part No. - BQ500110RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
More results

Similar Description - BQ500110RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
[Old version datasheet]   Free Positioning, Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
   QI Compliant Wireless Power Transmitter Series
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com