Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ500110RGZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500110RGZT
Description  Qi Compliant Wireless Power Transmitter Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ500110RGZT Datasheet(HTML) 4 Page - Texas Instruments

  BQ500110RGZT Datasheet HTML 1Page - Texas Instruments BQ500110RGZT Datasheet HTML 2Page - Texas Instruments BQ500110RGZT Datasheet HTML 3Page - Texas Instruments BQ500110RGZT Datasheet HTML 4Page - Texas Instruments BQ500110RGZT Datasheet HTML 5Page - Texas Instruments BQ500110RGZT Datasheet HTML 6Page - Texas Instruments BQ500110RGZT Datasheet HTML 7Page - Texas Instruments BQ500110RGZT Datasheet HTML 8Page - Texas Instruments BQ500110RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Digital
High Res
PWM
12-bit
ADC
260
ksps
Osc
ARM-7 core
PWR
GND
COMM-1
COMM-2
POR/BOR
3
BPCAP
Flash memory
with ECC
Internal Temp
Sense
Internal
3.3V & 1.8V
Regulator
bq500110
PWM-A
PMB_SCI
PMB_CTRL
PMB_ALERT
PMB_SDA
DRIVE_EN/PWM-B
COILDIS
DRV_SEL
LED /
Supervisor
Control
LP_KILL/MOSI
3
LED_MODE
PMOD_THRESH
44
35
43
TEMP_IN
3
IIN
46
VIN
4
I_COIL
42
EXTREF
48
7
6
8
13
12
26
LED3/MISO
25
LED2/SS
LED1/SCLK
17
16
9
JTAG
PMBUS
TRST
TMS
TDI
TDO
TCK
31
30
29
28
27
10
19
11
20
DEBUG
SCI_TX
SCI_RX
21
22
watchdog
WD
23
DIAG_DISABLE
18
Rsvd (lrClk)
24
bq500110
SLUSAE0A
– NOVEMBER 2010 – REVISED APRIL 2011
www.ti.com
DEVICE INFORMATION
Functional Block Diagram
4
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :bq500110


Similar Part No. - BQ500110RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
More results

Similar Description - BQ500110RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
[Old version datasheet]   Free Positioning, Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
   QI Compliant Wireless Power Transmitter Series
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com