Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASRD814 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # ASRD814
Description  SURFACE MOUNT STEP RECOVERY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASRD814 Datasheet(HTML) 2 Page - Advanced Semiconductor

  ASRD814 Datasheet HTML 1Page - Advanced Semiconductor ASRD814 Datasheet HTML 2Page - Advanced Semiconductor ASRD814 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASRD 800 SERIES
SURFACE MOUNT STEP RECOVERY DIODE
DYNAMIC ELECTRICAL CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
ττττ
IF = 10 mA
IR = 6 mA
ASRD 803
8
10
nS
ASRD 806
10
12
ASRD 808
25
30
ASRD 814
45
60
ASRD 820
55
70
ASRD 830
80
100
Tt
VR = 7 V
IF = 3 mA
ASRD 803
70
85
pS
ASRD 806
85
100
ASRD 808
90
110
ASRD 814
110
135
ASRD 820
200
250
ASRD 830
250
300
ORDERING INFORMATION:
ASRD 8XXX-XX
TR = TAPE & REELED (OPTIONAL)
D = SOD 323
T = SOT 23
03
06
08
14
20
30
7525 Ethel Avenue • North Hollywood, California 91605 • U.S.A.
Tel: (818) 982-1200 • (800) 423-2354 • Fax: (818) 765-3004
email: sales@adsemi.com • web: www.adsemi.com
ADVANCED SEMICONDUCTOR, INC.


Similar Part No. - ASRD814

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASRD814 ASI-ASRD814 Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
ASRD814-TR ASI-ASRD814-TR Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
ASRD814D ASI-ASRD814D Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
ASRD814D-TR ASI-ASRD814D-TR Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
ASRD814T ASI-ASRD814T Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
More results

Similar Description - ASRD814

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASRD800 ASI-ASRD800 Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
   Step Recovery Diode
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
   Step Recovery Diode
logo
Tyco Electronics
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
logo
M/A-COM Technology Solu...
MAVR-0447 MA-COM-MAVR-0447_15 Datasheet
243Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
MA44700_V6 MA-COM-MA44700_V6 Datasheet
79Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
MA44700 MA-COM-MA44700 Datasheet
79Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
MAVR-0447 MA-COM-MAVR-0447 Datasheet
243Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
logo
Zibo Seno Electronic En...
FR3A ZSELEC-FR3A Datasheet
122Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
FS1A ZSELEC-FS1A Datasheet
62Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com