Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN9R5-30YLC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN9R5-30YLC
Description  N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK using
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN9R5-30YLC Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN9R5-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 8Page - NXP Semiconductors PSMN9R5-30YLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PSMN9R5-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2011
5 of 15
NXP Semiconductors
PSMN9R5-30YLC
N-channel 30 V 9.8 m
Ω logic level MOSFET in LFPAK using NextPower technology
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to mounting base
see Figure 5
-
4.14
4.36
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aag183
single shot
0.2
0.1
0.05
0.02
10
-2
10
-1
1
10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
t
p (s)
Z
th(j-mb)
(K/W)
δ = 0.5
tp
T
P
t
tp
T
δ =


Similar Part No. - PSMN9R5-30YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN9R5-30YLC NEXPERIA-PSMN9R5-30YLC Datasheet
907Kb / 15P
   N-channel 30 V 9.8 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
More results

Similar Description - PSMN9R5-30YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN9R5-30YLC NEXPERIA-PSMN9R5-30YLC Datasheet
907Kb / 15P
   N-channel 30 V 9.8 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
logo
NXP Semiconductors
PSMN9R8-30MLC PHILIPS-PSMN9R8-30MLC_15 Datasheet
371Kb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN1R7-30YL NXP-PSMN1R7-30YL_11 Datasheet
305Kb / 15P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011
PSMN1R3-30YL NXP-PSMN1R3-30YL Datasheet
221Kb / 14P
   N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Rev. 02-25 June 2009
logo
Nexperia B.V. All right...
PSMN9R8-30MLC NEXPERIA-PSMN9R8-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN1R5-30YL NXP-PSMN1R5-30YL Datasheet
428Kb / 15P
   N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010
logo
Nexperia B.V. All right...
PSMN2R0-30YLE NEXPERIA-PSMN2R0-30YLE Datasheet
738Kb / 13P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
logo
NXP Semiconductors
PSMN2R5-30YL NXP-PSMN2R5-30YL_11 Datasheet
417Kb / 14P
   N-channel 30 V 2.4 m廓 logic level MOSFET in LFPAK
Rev. 04-10 March 2011
PSMN1R7-30YL NXP-PSMN1R7-30YL_10 Datasheet
445Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 04-20 April 2010
PSMN2R0-30YL NXP-PSMN2R0-30YL_11 Datasheet
247Kb / 14P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
Rev. 4-10 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com