Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R0-30YLC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN7R0-30YLC
Description  N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN7R0-30YLC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN7R0-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 8Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 9Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 10Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 11Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 12Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 13Page - NXP Semiconductors PSMN7R0-30YLC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PSMN7R0-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2011
10 of 15
NXP Semiconductors
PSMN7R0-30YLC
N-channel 30 V 7.1 m
Ω logic level MOSFET in LFPAK using NextPower technology
Fig 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 17. Source current as a function of source-drain
voltage; typical values
Fig 18. Reverse recovery timing definition
003a a g133
10
10
2
10
3
10
4
10
-1
1
10
10
2
VDS (V)
C
(pF)
Cis s
Crs s
Cos s
003a a g134
0
20
40
60
80
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25
C
Tj = 150
C
003a a f 444
0
t (s )
ID
(A)
IRM
0.25 IRM
trr
ta
tb


Similar Part No. - PSMN7R0-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-30YLC PHILIPS-PSMN7R0-30YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN7R0-30YLC NEXPERIA-PSMN7R0-30YLC Datasheet
776Kb / 14P
   N-channel 30 V 7.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
More results

Similar Description - PSMN7R0-30YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-30YLC NEXPERIA-PSMN7R0-30YLC Datasheet
776Kb / 14P
   N-channel 30 V 7.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
PSMN013-30YLC PHILIPS-PSMN013-30YLC_15 Datasheet
300Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN8R0-30YLC NXP-PSMN8R0-30YLC Datasheet
254Kb / 15P
   N-channel 30 V 7.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC NXP-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_15 Datasheet
275Kb / 14P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
15 January 2015
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com