Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2470FBD208 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2470FBD208
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2470FBD208 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2470FBD208 Datasheet HTML 7Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 8Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 9Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 10Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 11Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 12Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 13Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 14Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
LPC2470
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 8 September 2011
11 of 91
NXP Semiconductors
LPC2470
Flashless 16-bit/32-bit microcontroller
P0[14]/
USB_HSTEN2/
USB_CONNECT2/
SSEL1
69[1]
T7[1]
I/O
P0[14] — General purpose digital input/output pin.
O
USB_HSTEN2 — Host Enabled status for USB port 2.
O
USB_CONNECT2 — SoftConnect control for USB port 2. Signal used to
switch an external 1.5 k
 resistor under software control. Used with the
SoftConnect USB feature.
I/O
SSEL1 — Slave Select for SSP1.
P0[15]/TXD1/
SCK0/SCK
128[1]
J16[1]
I/O
P0[15] — General purpose digital input/output pin.
O
TXD1 — Transmitter output for UART1.
I/O
SCK0 — Serial clock for SSP0.
I/O
SCK — Serial clock for SPI.
P0[16]/RXD1/
SSEL0/SSEL
130[1]
J14[1]
I/O
P0[16] — General purpose digital input/output pin.
I
RXD1 — Receiver input for UART1.
I/O
SSEL0 — Slave Select for SSP0.
I/O
SSEL — Slave Select for SPI.
P0[17]/CTS1/
MISO0/MISO
126[1]
K17[1]
I/O
P0[17] — General purpose digital input/output pin.
I
CTS1 — Clear to Send input for UART1.
I/O
MISO0 — Master In Slave Out for SSP0.
I/O
MISO — Master In Slave Out for SPI.
P0[18]/DCD1/
MOSI0/MOSI
124[1]
K15[1]
I/O
P0[18] — General purpose digital input/output pin.
I
DCD1 — Data Carrier Detect input for UART1.
I/O
MOSI0 — Master Out Slave In for SSP0.
I/O
MOSI — Master Out Slave In for SPI.
P0[19]/DSR1/
MCICLK/SDA1
122[1]
L17[1]
I/O
P0[19] — General purpose digital input/output pin.
I
DSR1 — Data Set Ready input for UART1.
O
MCICLK — Clock output line for SD/MMC interface.
I/O
SDA1 — I2C1 data input/output (this is not an open-drain pin).
P0[20]/DTR1/
MCICMD/SCL1
120[1]
M17[1]
I/O
P0[20] — General purpose digital input/output pin.
O
DTR1 — Data Terminal Ready output for UART1.
I/O
MCICMD — Command line for SD/MMC interface.
I/O
SCL1 — I2C1 clock input/output (this is not an open-drain pin).
P0[21]/RI1/
MCIPWR/RD1
118[1]
M16[1]
I/O
P0[21] — General purpose digital input/output pin.
I
RI1 — Ring Indicator input for UART1.
O
MCIPWR — Power Supply Enable for external SD/MMC power supply.
I
RD1 — CAN1 receiver input.
P0[22]/RTS1/
MCIDAT0/TD1
116[1]
N17[1]
I/O
P0[22] — General purpose digital input/output pin.
O
RTS1 — Request to Send output for UART1.
I/O
MCIDAT0 — Data line 0 for SD/MMC interface.
O
TD1 — CAN1 transmitter output.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description


Similar Part No. - LPC2470FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470FBD208 PHILIPS-LPC2470FBD208 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470FBD208 NXP-LPC2470FBD208 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2470FBD208 NXP-LPC2470FBD208 Datasheet
696Kb / 89P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Rev. 3-14 February 2011
More results

Similar Description - LPC2470FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470 NXP-LPC2470 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470 NXP-LPC2470_11 Datasheet
696Kb / 89P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Rev. 3-14 February 2011
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_09 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2420 NXP-LPC2420_11 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com