Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-0008 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 5082-0008
Description  STEP RECOVERY DIODE CHIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

5082-0008 Datasheet(HTML) 1 Page - Advanced Semiconductor

  5082-0008 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VB
IR = 10 µA
15
V
CJ
VR = 10 V
f = 1.0 MHz
0.38
pF
RS
IF = 20 mA
f = 100 MHz
0.8
Ohms
τ
IF = 10 mA
IR = 6.0 mA
10
nS
tt
CL = 100 pc
60
pS
STEP RECOVERY DIODE CHIP
5082-0008
DESCRIPTION:
The
ASI 5082-0008 is a Silicon Oxide
Passivated SRD Chip Designed for
hybrid local oscillator Applications.
FEATURES:
• Gold contact metalization
• Passivated Chip
MAXIMUM RATINGS
I
100 mA
V
15 V
PDISS
100 mW @ TC = 25 °C
TJ
-60 °C to +200 °C
TSTG
-65 °C to +200 °C
TSOLD
t
≤1.0 MINUTE +310 °C
PACKAGE STYLE CHIP
CHIP = 0.020 X 0.020 X 0.011 INCHES
TOP BOND CONTACT GOLD = 0.0025 INCHES
BOTTOM CONTACT GOLD (FULL AREA)


Similar Part No. - 5082-0008

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
More results

Similar Description - 5082-0008

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
   Step Recovery Diode
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
   Step Recovery Diode
logo
Advanced Semiconductor
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
   SILICON STEP RECOVERY DIODE
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
   SILICON STEP RECOVERY DIODE
5082-0810 ASI-5082-0810 Datasheet
19Kb / 1P
   SILICON STEP RECOVERY DIODE
DVB4376-99 ASI-DVB4376-99 Datasheet
20Kb / 1P
   SILICON STEP RECOVERY DIODE
ASRD800 ASI-ASRD800 Datasheet
67Kb / 3P
   SURFACE MOUNT STEP RECOVERY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com