Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2387 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2387_11 Datasheet HTML 1Page - NXP Semiconductors LPC2387_11 Datasheet HTML 2Page - NXP Semiconductors LPC2387_11 Datasheet HTML 3Page - NXP Semiconductors LPC2387_11 Datasheet HTML 4Page - NXP Semiconductors LPC2387_11 Datasheet HTML 5Page - NXP Semiconductors LPC2387_11 Datasheet HTML 6Page - NXP Semiconductors LPC2387_11 Datasheet HTML 7Page - NXP Semiconductors LPC2387_11 Datasheet HTML 8Page - NXP Semiconductors LPC2387_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
1.
General description
The LPC2387 microcontroller is based on a 16-bit/32-bit ARM7TDMI-S CPU with
real-time emulation that combines the microcontroller with 512 kB of embedded
high-speed flash memory. A 128-bit wide memory interface and a unique accelerator
architecture enable 32-bit code execution at the maximum clock rate. For critical
performance in interrupt service routines and DSP algorithms, this increases performance
up to 30 % over Thumb mode. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
The LPC2387 is ideal for multi-purpose serial communication applications. It incorporates
a 10/100 Ethernet Media Access Controller (MAC), USB full speed device with 4 kB of
endpoint RAM, four UARTs, two CAN channels, an SPI interface, two Synchronous Serial
Ports (SSP), three I2C interfaces, and an I2S interface. This blend of serial
communications interfaces combined with an on-chip 4 MHz internal oscillator, 64 kB
SRAM, 16 kB SRAM for Ethernet, 16 kB SRAM for USB and general purpose use,
together with 2 kB battery powered SRAM makes this device very well suited for
communication gateways and protocol converters. Various 32-bit timers, an improved
10-bit ADC, 10-bit DAC, one PWM unit, a CAN control unit, and up to 70 fast GPIO lines
with up to 12 edge or level sensitive external interrupt pins make this microcontroller
particularly suitable for industrial control and medical systems.
2.
Features and benefits
ARM7TDMI-S processor, running at up to 72 MHz.
512 kB on-chip flash program memory with In-System Programming (ISP) and
In-Application Programming (IAP) capabilities. Flash program memory is on the ARM
local bus for high performance CPU access.
64 kB of SRAM on the ARM local bus for high performance CPU access.
16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
16 kB SRAM for general purpose DMA use also accessible by the USB.
Dual Advanced High-performance Bus (AHB) system that provides for simultaneous
Ethernet DMA, USB DMA, and program execution from on-chip flash with no
contention between those functions. A bus bridge allows the Ethernet DMA to access
the other AHB subsystem.
Advanced Vectored Interrupt Controller (VIC), supporting up to 32 vectored interrupts.
General Purpose DMA (GPDMA) on AHB controller that can be used with the SSP
serial interfaces, the I2S port, and the Secure Digital/MultiMediaCard (SD/MMC) card
port, as well as for memory-to-memory transfers.
LPC2387
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP,
Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 4 — 10 February 2011
Product data sheet


Similar Part No. - LPC2387_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
241Kb / 52P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008
LPC2387FBD100 NXP-LPC2387FBD100 Datasheet
439Kb / 66P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
More results

Similar Description - LPC2387_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2387 NXP-LPC2387_V01 Datasheet
439Kb / 66P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013
LPC2387_0810 NXP-LPC2387_0810 Datasheet
241Kb / 52P
   Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008
LPC2388 NXP-LPC2388_V01 Datasheet
378Kb / 74P
   Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013
LPC2388 NXP-LPC2388 Datasheet
275Kb / 61P
   Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 01-19 December 2008
LPC2388 PHILIPS-LPC2388 Datasheet
1Mb / 57P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev.00.02-28 January 2008
LPC2361 NXP-LPC2361_10 Datasheet
881Kb / 57P
   Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 04-4 March 2010
LPC2361 NXP-LPC2361_V01 Datasheet
484Kb / 65P
   Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??5 October 2013
LPC2361 NXP-LPC2361 Datasheet
236Kb / 50P
   Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-11 November 2008
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com