Electronic Components Datasheet Search |
|
LPC2378FBD144 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
LPC2378FBD144 Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 68 page LPC2377_78 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 5 — 17 June 2010 7 of 68 NXP Semiconductors LPC2377/78 Single-chip 16-bit/32-bit microcontrollers P0[9]/ I2STX_SDA/ MOSI1/MAT2[3] 109[1] I/O P0[9] — General purpose digital input/output pin. I/O I2STX_SDA — Transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I/O MOSI1 — Master Out Slave In for SSP1. O MAT2[3] — Match output for Timer 2, channel 3. P0[10]/TXD2/ SDA2/MAT3 [0] 69[1] I/O P0[10] — General purpose digital input/output pin. O TXD2 — Transmitter output for UART2. I/O SDA2 — I2C2 data input/output (this is not an open-drain pin). O MAT3[0] — Match output for Timer 3, channel 0. P0[11]/RXD2/ SCL2/MAT3[1] 70[1] I/O P0[11] — General purpose digital input/output pin. I RXD2 — Receiver input for UART2. I/O SCL2 — I2C2 clock input/output (this is not an open-drain pin). O MAT3[1] — Match output for Timer 3, channel 1. P0[12]/MISO1/ AD0[6] 29[2] I/O P0[12] — General purpose digital input/output pin. I/O MISO1 — Master In Slave Out for SSP1. I AD0[6] — A/D converter 0, input 6. P0[13]/ USB_UP_LED2/ MOSI1/AD0[7] 32[2] I/O P0[13] — General purpose digital input/output pin. O USB_UP_LED2 — USB2 Good Link LED indicator. It is LOW when device is configured (non-control endpoints enabled). It is HIGH when the device is not configured or during global suspend. (LPC2378 only) I/O MOSI1 — Master Out Slave In for SSP1. I AD0[7] — A/D converter 0, input 7. P0[14]/ USB_CONNECT2/ SSEL1 48[1] I/O P0[14] — General purpose digital input/output pin. O USB_CONNECT2 — USB2 Soft Connect control. Signal used to switch an external 1.5 k Ω resistor under software control. Used with the SoftConnect USB feature. (LPC2378 only) I/O SSEL1 — Slave Select for SSP1. P0[15]/TXD1/ SCK0/SCK 89[1] I/O P0[15] — General purpose digital input/output pin. O TXD1 — Transmitter output for UART1. I/O SCK0 — Serial clock for SSP0. I/O SCK — Serial clock for SPI. P0[16]/RXD1/ SSEL0/SSEL 90[1] I/O P0 [16] — General purpose digital input/output pin. I RXD1 — Receiver input for UART1. I/O SSEL0 — Slave Select for SSP0. I/O SSEL — Slave Select for SPI. P0[17]/CTS1/ MISO0/MISO 87[1] I/O P0[17] — General purpose digital input/output pin. I CTS1 — Clear to Send input for UART1. I/O MISO0 — Master In Slave Out for SSP0. I/O MISO — Master In Slave Out for SPI. Table 3. Pin description …continued Symbol Pin Type Description |
Similar Part No. - LPC2378FBD144 |
|
Similar Description - LPC2378FBD144 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |