Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2416J Datasheet(PDF) 11 Page - Sharp Corporation

Part # LZ2416J
Description  Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2416J Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LZ2416J Datasheet HTML 4Page - Sharp Corporation LZ2416J Datasheet HTML 5Page - Sharp Corporation LZ2416J Datasheet HTML 6Page - Sharp Corporation LZ2416J Datasheet HTML 7Page - Sharp Corporation LZ2416J Datasheet HTML 8Page - Sharp Corporation LZ2416J Datasheet HTML 9Page - Sharp Corporation LZ2416J Datasheet HTML 10Page - Sharp Corporation LZ2416J Datasheet HTML 11Page - Sharp Corporation LZ2416J Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRECAUTIONS FOR CCD AREA SENSORS
1. Package Breakage
In order to prevent the package from being broken,
observe the following instructions :
1) The CCD is a precise optical component and
the package material is ceramic or plastic.
Therefore,
ø Take care not to drop the device when
mounting, handling, or transporting.
ø Avoid giving a shock to the package.
Especially when leads are fixed to the socket
or the circuit board, small shock could break
the package more easily than when the
package isn’t fixed.
2) When applying force for mounting the device or
any other purposes, fix the leads between a
joint and a stand-off, so that no stress will be
given to the jointed part of the lead. In addition,
when applying force, do it at a point below the
stand-off part.
(In the case of ceramic packages)
– The leads of the package are fixed with low
melting point glass, so stress added to a
lead could cause a crack in the low melting
point glass in the jointed part of the lead.
(In the case of plastic packages)
– The leads of the package are fixed with
package body (plastic), so stress added to a
lead could cause a crack in the package
body (plastic) in the jointed part of the lead.
3) When mounting the package on the housing,
be sure that the package is not bent.
– If a bent package is forced into place
between a hard plate or the like, the pack-
age may be broken.
4) If any damage or breakage occurs on the sur-
face of the glass cap, its characteristics could
deteriorate.
Therefore,
ø Do not hit the glass cap.
ø Do not give a shock large enough to cause
distortion.
ø Do not scrub or scratch the glass surface.
– Even a soft cloth or applicator, if dry, could
cause dust to scratch the glass.
2. Electrostatic Damage
As compared with general MOS-LSI, CCD has
lower ESD. Therefore, take the following anti-static
measures when handling the CCD :
1) Always discharge static electricity by grounding
the human body and the instrument to be used.
To ground the human body, provide resistance
of about 1 M$ between the human body and
the ground to be on the safe side.
2) When directly handling the device with the
fingers, hold the part without leads and do not
touch any lead.
Glass cap
Package
Lead
Fixed
Stand-off
Fixed
Lead
Stand-off
Low melting point glass
11
PRECAUTIONS FOR CCD AREA SENSORS


Similar Part No. - LZ2416J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2413 SHARP-LZ2413 Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
More results

Similar Description - LZ2416J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2336 SHARP-LZ2336 Datasheet
178Kb / 8P
   Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2346 SHARP-LZ2346 Datasheet
185Kb / 8P
   Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com