Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT3906 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMDT3906
Description  PNP Small Signal Surface Mount Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMDT3906 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMDT3906_11 Datasheet HTML 1Page - Micro Commercial Components MMDT3906_11 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMDT3906
PNP
Small Signal Surface
Mount Transistors
Features
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating(PNP)
Unit
VCEO
Collector-Emitter Voltage
-40
V
VCBO
Collector-Base Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-0.2
A
PC
Collector Dissipation
0.2
W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc, IB=0)
-40
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10uAdc, IE=0)
-40
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-10uAdc, IC=0)
-5
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-30Vdc,IE=0)
---
-50
nAdc
IEBO
Emitter Cutoff Current
(VEB=-5Vdc,IC=0)
---
-50
nAdc
hFE
DC Current Gain
(IC=-0.1mAdc, VCE=-1Vdc)
(IC=-1mAdc, VCE=-1Vdc)
(IC=-10mAdc, VCE=-1Vdc)
(IC=-50mAdc, VCE=-1Vdc)
(IC=-100mAdc, VCE=-1Vdc)
40
70
100
60
30
---
---
300
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-10mAdc, IB=-1mAdc)
(IC=-50mAdc, IB=-5mAdc)
---
---
-0.25
-0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-10mAdc, IB=-1mAdc)
(IC=-50mAdc, IB=-5mAdc)
-0.65
---
-0.85
-0.95
Vdc
fT
Current Gain-Bandwidth Product
(VCE=-20Vdc, IC=-10mAdc, f=100MHz)
250
---
MHz
Cob
Output Capacitance
(VCB=-5Vdc, f=1.0MHz, IE=0)
---
4.5
pF
NF
Noise Figure
(VCE=-5V,IC=-0.1mA, f=1KHz, RS=1k
¡)
---
4
dB
td
Delay Time
---
35
ns
tr
Rise Time
VCC=-3V,IC=-10mA,
VBE=-0.5V, IB1=-IB2=-1mA
---
35
ns
tS
Storage Time
---
225
ns
tf
Fall Time
VCC=-3V, IC=-10mA,
IB1=-IB2=-1mA
---
75
ns
SOT-363
J
M
A
C
B
G
H
K
D
L
DIMENSIONS
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Ideal for Low Power Amplification and Switching
Ultra-small Surface Mount Package
Epitaxial Planar Die Construction
Marking:K3N
1 of 2
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
INCHES
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Moisure Sensitivity Level 1
Epoxy meets UL 94 V-0 flammability rating
www.mccsemi.com
1 of 2


Similar Part No. - MMDT3906_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3906 DIODES-MMDT3906_1 Datasheet
431Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 9 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906_13 Datasheet
148Kb / 4P
   Dual PNP Small Signal Surface Mount Transistor
logo
Micro Commercial Compon...
MMDT3906 MCC-MMDT3906_13 Datasheet
285Kb / 2P
   PNP Small Signal Surface Mount Transistors
logo
Guangdong Kexin Industr...
MMDT3906 KEXIN-MMDT3906_15 Datasheet
821Kb / 1P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
   Multi-Chip Transistor
More results

Similar Description - MMDT3906_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906 MCC-MMDT3906 Datasheet
109Kb / 2P
   PNP Small Signal Surface Mount Transistors
MMDT3906 MCC-MMDT3906_13 Datasheet
285Kb / 2P
   PNP Small Signal Surface Mount Transistors
MMDT2227 MCC-MMDT2227 Datasheet
271Kb / 3P
   NPN/PNP Small Signal Surface Mount Transistors
MMDT3946 MCC-MMDT3946 Datasheet
339Kb / 6P
   NPN/PNP Small Signal Surface Mount Transistors
MMDT3946 MCC-MMDT3946_13 Datasheet
368Kb / 6P
   NPN/PNP Small Signal Surface Mount Transistors
MMDT2227 MCC-MMDT2227_13 Datasheet
301Kb / 3P
   NPN/PNP Small Signal Surface Mount Transistors
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com