Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2315A Datasheet(PDF) 7 Page - Sharp Corporation

Part # LZ2315A
Description  Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2315A Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LZ2315A Datasheet HTML 3Page - Sharp Corporation LZ2315A Datasheet HTML 4Page - Sharp Corporation LZ2315A Datasheet HTML 5Page - Sharp Corporation LZ2315A Datasheet HTML 6Page - Sharp Corporation LZ2315A Datasheet HTML 7Page - Sharp Corporation LZ2315A Datasheet HTML 8Page - Sharp Corporation LZ2315A Datasheet HTML 9Page - Sharp Corporation LZ2315A Datasheet HTML 10Page - Sharp Corporation LZ2315A Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LZ2315A/LZ2316AR
7
TIMING CHART
484
+
485
486
+
487
488
+
489
492
490
+
491
1
+
2
3
+
4
5
+
6
7
+
8
9
+
10
11
+
12
OS
ØTG
ØV4
ØV3
ØV2
ØV1
VD
HD
(ODD FIELD)
VERTICAL TRANSFER TIMING <NORMAL OUTPUT>
483
+
484
485
+
486
487
+
488
489
+
490
491
+
492
2
+
3
1
4
+
5
6
+
7
8
+
9
10
+
11
OS
ØTG
ØV4
ØV3
ØV2
ØV1
VD
HD
(EVEN FIELD)
525 1
10
17
19
263
272
279
282
OS
ØRS
ØH2
ØH1
HD
OB (28)
OUTPUT (512) 1ππππππππππ
ØOFD
ØV4
ØV3
ØV2
ØV1
HORIZONTAL TRANSFER TIMING <NORMAL OUTPUT>
606, 1
60
84.5
24
24
49
39
54
29
34
64
62
72
59
π512
PRESCAN (4)
OB (2)


Similar Part No. - LZ2315A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2314HJ SHARP-LZ2314HJ Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
More results

Similar Description - LZ2315A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
   1/3-type CCD Area Sensors with 470 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
LZ0P3610 SHARP-LZ0P3610 Datasheet
126Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com