Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11C00 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC11C00
Description  NXP 50-MHz, 32-bit Cortex-M0??MCUs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11C00 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC11C00 Datasheet HTML 1Page - NXP Semiconductors LPC11C00 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP 50-MHz, 32-bit
Cortex-M0™ MCUs
LPC11C00
Offering a low-cost entry point for CAN-based applications, the LPC11C00 series reduce product
development risk, lower total system cost, and speed time-to-market for high-performance
embedded designs.
} Timers
- 4 general-purpose counter/timers - Two 32-bit counter/
timers & Two 16-bit counter/timers - with a total of four
capture inputs and 13 (LPC11C12/C14) or 12 (LPC11C22/
C24) match ouputs.
- Programmable Watchdog Timer (WDT) with lock-out feature
- 24-bit System timer
} I/O
- 42 general-purpose I/O (GPIO) pins on the LPC11C12/14 part
- 36 general-purpose I/O (GPIO) pins on the LPC11C22/C24 parts
} Clock generation unit
- 12 MHz Internal RC Oscillator trimmed to 1% accuracy
- Crystal oscillator with an operating range of 1 to 25 MHz
- Programmable watchdog oscillator
- Clock output function
} Other
- Unique device serial number for identification
- Integrated PMU (Power Management Unit) to minimize
- Brownout detect
- Power-On Reset (POR)
Key features
} ARM Cortex-M0 processor
- 50 MHz operation
- Nested Vectored Interrupt Controller
- Three reduced-power modes: Sleep, Deep-sleep, and Deep
power-down
- Serial Wire Debug (4 breakpoints)
} Memories
- 16/32 KB Flash memory
- 8 KB SRAM
} Serial peripherals
- CAN 2.0 B C_CAN controller with on-chip CANopen drivers
- On-chip, high-speed CAN tranceiver
(parts LPC11C22/C24 only)
- UART with fractional baud rate generation
- 2 SPI controllers with FIFO and multi-protocol capabilities
- I2C-bus interface supporting Fast mode plus
} Analog peripheral
- 10-bit analog-to-digital converter with 8 channels and
conversion rates up to 400 K samples per second with
±1LSB DNL
Industry’s first integrated CAN
transceiver microcontroller solution


Similar Part No. - LPC11C00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC11C00 PHILIPS-LPC11C00 Datasheet
4Mb / 543P
   LPC111x/LPC11Cxx User manual
Rev. 12.1-7 August 2013
More results

Similar Description - LPC11C00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com