Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1047370000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1047370000
Description  LXXX 15.00/03/90F 4.5SN BK BX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1047370000 Datasheet(HTML) 2 Page - Weidmuller

  1047370000 Datasheet HTML 1Page - Weidmuller 1047370000 Datasheet HTML 2Page - Weidmuller 1047370000 Datasheet HTML 3Page - Weidmuller 1047370000 Datasheet HTML 4Page - Weidmuller 1047370000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Screwdriver blade
1.2 x 6.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
2.5 Nm
Tightening torque, max.
4 Nm
Clamping screw
M 6
Stripping length
18 mm
L1 in mm
30 mm
L1 in inch
1.181 inch
Material data
Insulating material
Wemid (PA)
Colour
black
Flammability class UL 94
V-0
CTI
≥ 600
Contact material
Copper alloy
Contact surface
tinned
Contact base material
Copper alloy
Connectable conductors
Clamping range, min.
0.5 mm²
Clamping range, max.
50 mm²
Conductor connection cross-section AWG, min.
AWG 20
Conductor connection cross-section AWG, max.
AWG 1
Solid, min. H05(07) V-U
0.5 mm²
Solid, max. H05(07) V-U
16 mm²
Stranded, max. H07V-R
50 mm²
Stranded, min. H07V-R
6 mm²
Flexible, min. H05(07) V-K
0.5 mm²
Flexible, max. H05(07) V-K
35 mm²
w. wire end ferrule, DIN 46228 pt 1, min
0.5 mm²
with wire end ferrule, DIN 46228 pt 1, max.
35 mm²
w. plastic collar ferrule, DIN 46228 pt 4, min.
0.5 mm²
with plastic collar ferrule, DIN 46228 pt 4, max.
35 mm²
5
1047300000 LXXX 15.00/03/90F 4.5SN BK BX | Weidmüller Product Catalogue [P] [EN]
2/1/2011
http://catalog.weidmueller.com/procat/ProductPrintPage.jsp;jsessionid=E3FC4B5C1C141E...


Similar Part No. - 1047370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1047370000 WEIDMULLER-1047370000 Datasheet
145Kb / 5P
   LXXX 15.00/04/90F 4.5SN BK BX
More results

Similar Description - 1047370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1047310000 WEIDMULLER-1047310000 Datasheet
145Kb / 5P
   LXXX 15.00/04/90F 4.5SN BK BX
1047290000 WEIDMULLER-1047290000 Datasheet
197Kb / 4P
   LXXX 15.00/02/90F 4.5SN BK BX
1047140000 WEIDMULLER-1047140000 Datasheet
188Kb / 4P
   LXXX 15.00/03/90 4.5SN BK BX
1047130000 WEIDMULLER-1047130000 Datasheet
138Kb / 5P
   LXXX 15.00/02/90 4.5SN BK BX
1047150000 WEIDMULLER-1047150000 Datasheet
185Kb / 4P
   LXXX 15.00/04/90 4.5SN BK BX
logo
List of Unclassifed Man...
1783680000 ETC2-1783680000 Datasheet
429Kb / 5P
   OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
logo
Weidmuller
1979540000 WEIDMULLER-1979540000 Datasheet
78Kb / 3P
   BLF 5.00/10/90F SN BK BX
1979560000 WEIDMULLER-1979560000 Datasheet
78Kb / 3P
   BLF 5.00/12/90F SN BK BX
1000240001 WEIDMULLER-1000240001 Datasheet
77Kb / 3P
   BLF 5.08/04/90F SN BK BX
1979480000 WEIDMULLER-1979480000 Datasheet
78Kb / 3P
   BLF 5.00/04/90F SN BK BX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com