Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL85N6F3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL85N6F3
Description  N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL85N6F3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL85N6F3 Datasheet HTML 7Page - STMicroelectronics STL85N6F3 Datasheet HTML 8Page - STMicroelectronics STL85N6F3 Datasheet HTML 9Page - STMicroelectronics STL85N6F3 Datasheet HTML 10Page - STMicroelectronics STL85N6F3 Datasheet HTML 11Page - STMicroelectronics STL85N6F3 Datasheet HTML 12Page - STMicroelectronics STL85N6F3 Datasheet HTML 13Page - STMicroelectronics STL85N6F3 Datasheet HTML 14Page - STMicroelectronics STL85N6F3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STL85N6F3
Package mechanical data
Doc ID 15340 Rev 2
11/15
Table 9.
PowerFLAT™ 5x6 type C-B mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.83
0.93
A1
0
0.02
0.05
A3
0.20
b
0.35
0.40
0.47
D5.00
D1
4.75
D2
4.15
4.20
4.25
E6.00
E1
5.75
E2
3.43
3.48
3.53
E4
2.58
2.63
2.68
e1.27
L
0.70
0.80
0.90


Similar Part No. - STL85N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
   N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
December 2011 Rev 4
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
   N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
   N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
   N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
logo
Siemens Semiconductor G...
STL81004A SIEMENS-STL81004A Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results

Similar Description - STL85N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
   N-channel 30 V, 0.0055 ?? 19 A PowerFLAT??(5x6) STripFET??V Power MOSFET
July 2010 Rev 2
STL140N4LLF5 STMICROELECTRONICS-STL140N4LLF5 Datasheet
245Kb / 10P
   N-channel 40 V, 0.00275 廓, 32 A, PowerFLAT??(5x6) STripFET??V Power MOSFET
STL35N6F3 STMICROELECTRONICS-STL35N6F3 Datasheet
994Kb / 17P
   N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
   N-channel 30 V, 0.0048 廓, 19 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0062 廓 typ., 19 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
July 2013 Rev 4
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
   Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
   N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
   N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com