Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT9550U Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT9550U
Description  첩7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT9550U Datasheet(HTML) 2 Page - Sharp Corporation

  LT9550U Datasheet HTML 1Page - Sharp Corporation LT9550U Datasheet HTML 2Page - Sharp Corporation LT9550U Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
116
(Notice)
¡ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet)
¡ Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Lamp Characteristics Diagrams
Note)Characteristics shown in diagrams are typical values. (not assurance value)
Note)Characteristics shown in diagrams are typical values. (not assurance value)
UR series
TR series
(1F=20mA)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80 85
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
100
200
300
400
500
600
700
-20
0
20
40
60
100
80
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
1/50
1/20
1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
1
2
5
200
100
20
50
10
500
1
2
5
200
100
30
50
10
500
0.1
0.2
0.5
12
5
10
20
50


Similar Part No. - LT9550U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT9525D SHARP-LT9525D Datasheet
97Kb / 4P
   첩20mm, Dome Type, Colored Diffusion, Large LED Lamps for Indoor Use
LT9526D SHARP-LT9526D Datasheet
100Kb / 4P
   첩20mm, Dome Type, Colored Diffusion, High-luminosity, Large LED Lamps for Indoor Use
LT9560U SHARP-LT9560U Datasheet
274Kb / 6P
   첩10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
More results

Similar Description - LT9550U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT9560U SHARP-LT9560U Datasheet
274Kb / 6P
   첩10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
GL6UR31 SHARP-GL6UR31 Datasheet
76Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity LED Lamp for Outdoor Use
GL6EG31 SHARP-GL6EG31 Datasheet
53Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency High-luminosity LED Lamp for Outdoor Use
GL5UR2K1 SHARP-GL5UR2K1 Datasheet
72Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL6CU7 SHARP-GL6CU7 Datasheet
123Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
GL6UR26T SHARP-GL6UR26T Datasheet
104Kb / 3P
   5.8X4.6mm, Oval Type, Colored/Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL3UR44 SHARP-GL3UR44 Datasheet
48Kb / 2P
   첩3mmT-1, Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Backlight/Indicator
GL5UR44 SHARP-GL5UR44 Datasheet
71Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL6CU11 SHARP-GL6CU11 Datasheet
124Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
LT9600CU SHARP-LT9600CU Datasheet
74Kb / 3P
   6.8 X 7.6mm, Oval Type(Flangeless), Colorless Transparency, High-luminosity, Wide Viewing Angle, Dichromatic Large LED Lamp for Outdoor Use
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com