Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562T7DDFM Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F562T7DDFM
Description  MCUs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFM Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F562T7DDFM Datasheet HTML 5Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 9Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 10Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 11Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 12Page - Renesas Technology Corp R5F562T7DDFM Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 9 of 22
Jan. 31, 2014
Figure 6 Speed calculation using encoder pulses A and B at control loop rate
5.2 Initial Position Identification
Incremental encoders can only give displacements from the initial position and can’t provide absolute position. For
PMSM and position control, the initial position is required. Although alignment has been calibrated, the initial starting
position before the Z pulse is still unknown.
By means of Hall sensors the rotor initial position can be identified, and further corrected when the rotor starts rotating.
Assuming the Hall sensors are located at each phase, as shown in Figure 7. The output signals of the Hall sensors are
illustrated in Figure 8. It can be seen that the resolution of the Hall sensor signals are 60° (electrical degree). Table 1
shows the possible combinations corresponding to different positions.
Figure 7 Hall sensors for initial rotor position
From Figure 8 and Table 2, given a specific Hall sensor output combination, the rotor must reside in certain section with
a range of 60°. The initial position is determined as follows. When a group of output signals are obtained, for example,
(101), we can decide which section the rotor is in (section 1 in this example). We can set the initial position at the center
of the section (30° in this example). It can be seen that the maximum error of the initial position is 30°, which occurs
when the rotor is at the edge of two regions. However, even with 30° error, the motor is still able to produce sufficient
torque to start the motor.
Once the motor starts rotating, the position can be readily corrected when the rotor moves out of the initial region and
enters the next section. This position is accurate. In the previous example, when the motor starts rotating in the positive
direction from section 1, the rotor position can be corrected when the position is 60°.


Similar Part No. - R5F562T7DDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7DDFM RENESAS-R5F562T7DDFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562T7DDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com