Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562T7DDFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F562T7DDFP
Description  MCUs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F562T7DDFP Datasheet HTML 2Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 3Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 4Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 5Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 6Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 7Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 8Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 9Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 6 of 22
Jan. 31, 2014
Table 1 lists the timer register function for Channel 0 to 2 for the encoder capture. The timer MTU enable to
automatically detect both the pulse width and the number of pulse of encoder every speed control loop period. It is not
necessary of external wiring for any trigger signals. The encoder signals are directly input to Timer external clock;
TCLKA and TCLKB as clock source of channel, and also, input command pulse to Timer external clock; TCLKC and
TCLKD as clock source of Channel 2.
 Channel 1 counter is counted by every falling edge and rising edge of encoder pulse.
 Channel 0 is used for interval time to generate input capture trigger of Channel 1 and Channel 2, and interrupt of
speed control loop.
 Channel 2 measures pulse command input.
 Channel 0 compare match (speed control loop period) can be selected as input capture trigger for Channel 1
internally.
 Channel 1 and Channel 2 external timer clock (encoder pulse or command pulse) can be selected as input
capture trigger for Channel 0 internally.
Table 1 MTU timer registers function
Figure 3 shows how the MTU captures the encoder signals in phase counting mode. The Channel 1 is coupled with
Channel 0 to input 2-phase encoder pulses of a servo motor in order to detect position or speed. Channel 1 is set to phase
counting mode 1, and the encoder pulse A-phase and B-phase are input to MTCLKA and MTCLKB. In Channel 0,
MTU3_0.TGRC compare match is specified as the TCNT clearing source and MTU3_0.TGRA and MTU3_0.TGRC are
used for the compare match function and are set with the speed control cycle and position control cycle. MTU3_0.TGRB
is used for input capture, with MTU3_0.TGRB and MTU3_0.TGRD operating in buffer mode. The Channel 1 counter
input clock is designated as the MTU3_0.TGRB input capture source, and the widths of 2-phase encoder 4-multiplication
pulses are detected. MTU3_1.TGRA and MTU3_1.TGRB for Channel 1 are designated for the input capture function
and MTU3_0.TGRA and MTU3_0.TGRC compare matches in Channel 0 are selected as the input capture sources to
store the up/down-counter values for the control cycles.
Therefore, the RX62T MTU itself can realize precise detection of the pulse width and the number of pulses,
which are needed to estimate motor speed and position. It doesn’t need the load of the CPU hardly to detect
those. Also the MTU is able to receive the pulse command as well.


Similar Part No. - R5F562T7DDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7DDFP RENESAS-R5F562T7DDFP Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562T7DDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com