Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562T7DDFH Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F562T7DDFH
Description  MCUs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFH Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F562T7DDFH Datasheet HTML 1Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 2Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 3Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 4Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 5Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 6Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 7Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 8Page - Renesas Technology Corp R5F562T7DDFH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 5 of 22
Jan. 31, 2014
4. RX62T Encoder Capture Function
The RX62T is a 32-bit high-performance microcontroller with a maximum operating frequency of 100MHz and 165
DMIPS and single precision floating-point unit (FPU), which is equipped with multifunction timers (
H
MTU
H
,
H
GPT
H
), high-
speed
H
12-bit A/D converter
H
, and 10-bit A/D converter for facilitating motor control. Figure 2 shows the block diagram of
a senorless vector control of PMSM based on the Renesas RX62T Microcontroller.
RX62T has a dedicate function for the encoder measurement as depicted in Figure 2. MTU3 timer external clock input
TCLKA, TCLKB, TCLKC, and TCLKD can be used for two-phase encoder pulse inputs. When the MTU3 timer of
Channels 1 and 2 are specified by the phase counting mode, an external encoder clock is selected as the counter input
clock and TCNT operates as an up/down-counter. The phase difference between two external input clocks is detected and
TCNT is incremented or decremented accordingly. The rotor position and speed can be measured by reading the TCNT
counts.
The following summarizes the MTU3 function for the encoder pulse counting functionality:
 MTU Channel 1 & 2 support 2-phase pulse counting mode which is called “Phase Counting Mode”
 This function covers 4 modes
 At these modes, the counter works as up/down counter. And it is possible to detect the direction of counter with
the flag.
 Up/down count by detecting phase difference between phase A and B of encoder on mode1 and mode 4
o
Mode 1: every rising edge & falling edge of both of encoder pulse
o
Mode 4: every rising edge & falling edge of phase B encoder pluses
 Up/down count by two pulse lines which indicate the direction, speed and position.
o
Mode 2: One pulse line and One direction
o
Mode 3: Two pulse lines for each direction
 MTU can detect automatically speed and position data as the pulse width & the pulse. The data of speed and
position can be captured every periodic cycle.
In this application, the encoder pulse A and B are input to the TCLKA and TCLKB. The Z pulse is to IRQ0. For the
second motor, the encoder pulse A and B are input to the TCLKC and TCLKD. The Z pulse is to IRQ3.
The host communication using the graphic user interface (GUI) is communicated with the RX62T MCU by the USB
communication. It can display the motor operation status in the real time, tune the motor and control parameters, and
drive the motor for both speed control and position control.
Figure 2 RX62T encoder capture functionality


Similar Part No. - R5F562T7DDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7DDFH RENESAS-R5F562T7DDFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562T7DDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com