Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU8N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STU8N65M5
Description  N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STU8N65M5 Datasheet HTML 4Page - STMicroelectronics STU8N65M5 Datasheet HTML 5Page - STMicroelectronics STU8N65M5 Datasheet HTML 6Page - STMicroelectronics STU8N65M5 Datasheet HTML 7Page - STMicroelectronics STU8N65M5 Datasheet HTML 8Page - STMicroelectronics STU8N65M5 Datasheet HTML 9Page - STMicroelectronics STU8N65M5 Datasheet HTML 10Page - STMicroelectronics STU8N65M5 Datasheet HTML 11Page - STMicroelectronics STU8N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
STB/D/F/I/P/U8N65M5
8/25
Doc ID 16531 Rev 3
Figure 14.
Normalized gate threshold voltage
vs temperature
Figure 15.
Normalized on resistance vs
temperature
Figure 16.
Switching losses vs gate resistance
(1)
Figure 17.
Normalized BVDSS vs temperature
1.
Eon including reverse recovery of a SiC diode
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
AM08204v1
RDS(on)
2.0
1.5
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
1.0
ID=3.5A
VGS=10V
AM08205v1
E
100
10
1
0
20
RG(
Ω)
(
μJ)
10
30
40
ID=4A
VCL=400V
VGS=10V
Eon
Eoff
AM08206v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.97
0.99
1.01
1.03
1.05
1.07
ID=1mA
AM08203v1


Similar Part No. - STU8N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STU8N65M5 ISC-STU8N65M5 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STU8N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
   N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com