Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT551 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ORT551
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ORT551 Datasheet(HTML) 2 Page - OKI electronic componets

  ORT551 Datasheet HTML 1Page - OKI electronic componets ORT551 Datasheet HTML 2Page - OKI electronic componets ORT551 Datasheet HTML 3Page - OKI electronic componets ORT551 Datasheet HTML 4Page - OKI electronic componets ORT551 Datasheet HTML 5Page - OKI electronic componets ORT551 Datasheet HTML 6Page - OKI electronic componets ORT551 Datasheet HTML 7Page - OKI electronic componets ORT551 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
128
n
Parameter
Pull-in Value (PI)
Drop-out Value (DO)
Contact resistance (CR)
Breakdown voltage
Insulation resistance
Electrostatic capacitance
Contact rating
Maximum switching voltage
Maximum switching current
Maximum carry current
Rated value
Unit
AT
AT
mW
VDC
VDC
W
pF
VA
V
A
A
(1) Drop-out Value vs. Pull-in Value
(2) Contact resistance
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
N.O
N.C
(Measurement length: 30mm)
Contact resistance
AT
50
40
30
20
10
0
10
20
30
40
50
AT
Pull-in Value
l ORT551
40
60
80
100
mW
10
∼30
4min
100max
200min (PI
≧20)
109min
1.5max
3
0.2
0.5
30
( )
DC
AC
150min (PI
<20)
ELECTRICAL CHARACTERISTICS


Similar Part No. - ORT551

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORT551 MEDER-ORT551 Datasheet
97Kb / 8P
   REED SWITCH
More results

Similar Description - ORT551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
logo
Meder Electronic
3905171000 MEDER-3905171000 Datasheet
127Kb / 3P
   Reed Switch
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
   Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
   Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
   Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
   Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
   Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
   Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com