Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORD229 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ORD229
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ORD229 Datasheet(HTML) 6 Page - OKI electronic componets

  ORD229 Datasheet HTML 1Page - OKI electronic componets ORD229 Datasheet HTML 2Page - OKI electronic componets ORD229 Datasheet HTML 3Page - OKI electronic componets ORD229 Datasheet HTML 4Page - OKI electronic componets ORD229 Datasheet HTML 5Page - OKI electronic componets ORD229 Datasheet HTML 6Page - OKI electronic componets ORD229 Datasheet HTML 7Page - OKI electronic componets ORD229 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
100
l ORD229
AT
60
50
40
30
20
10
0
80
60
40
PI
CR
DO
m
W
AT
60
50
40
30
20
10
0
80
60
40
CR
DO
PI
m
W
AT
60
50
40
30
20
10
0
80
60
40
PI
DO
CR
m
W
AT
60
50
40
30
20
10
0
80
60
40
PI
DO
CR
m
W
(2) Temperature cycle
(4) High temperature storage test
(5) Low temperature storage test
(3) Temperature and humidity cycle
(-55
℃ to 125 ℃)
-10
℃ to 65 ℃
80% to 98%
Before test
After test
Before test
After test
Before test
After test
Before test
After test
(+125
℃-500H)
(-40℃-500H)


Similar Part No. - ORD229

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORD229 MEDER-ORD229 Datasheet
86Kb / 8P
   REED SWITCH
More results

Similar Description - ORD229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
logo
Meder Electronic
3905171000 MEDER-3905171000 Datasheet
127Kb / 3P
   Reed Switch
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
   Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
   Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
   Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
   Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
   Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
   Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com