Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATFC-0402 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ATFC-0402
Description  THIN FILM CHIP INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATFC-0402 Datasheet(HTML) 2 Page - Abracon Corporation

  ATFC-0402_08 Datasheet HTML 1Page - Abracon Corporation ATFC-0402_08 Datasheet HTML 2Page - Abracon Corporation ATFC-0402_08 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THIN FILM CHIP INDUCTOR
| | | | | | | | | | | | | | |
ATFC-0402
1.0 x 0.5 x 0.32mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
T
Tape & Reel
- -
Please refer to the
Table above.
g
n
i
g
a
k
c
a
P
e
d
o
C
e
c
n
a
t
c
u
d
n
I
Revised: 12.01.08
%
5
±
J
H
±3%
G
±2%
F
±1%
S
±0.3 nH
C
±0.2 nH
B
±0.1 nH
Inductance Tolerance
T
%
5
±
J
Tape & Reel
H
±3%
G
±2%
F
±1%
S
±0.3 nH
C
±0.2 nH
B
±0.1 nH
Inductance Tolerance
ATFC - 0402 -
- -
g
n
i
g
a
k
c
a
P
e
d
o
C
e
c
n
a
t
c
u
d
n
I
Please refer to the Table
above.
ABRACON
Inductance
X: Tolerance Code
Quality
Factor (Q)
Resistance
Current
p/n
(nH)
Standard
Other Options
min
DC/Max (Ω)
DC/Max (mA)
Self Resonant
Frequency /min
(GHz)
ATFC-0402-3N5-X
3.5
B (±0.1nH)
C,S
13 / 500MHz
0.55
380
6
ATFC-0402-3N6-X
3.6
B (±0.1nH)
C,S
13 / 500MHz
0.55
380
6
ATFC-0402-3N7-X
3.7
B (±0.1nH)
C,S
13 / 500MHz
0.55
340
6
ATFC-0402-3N8-X
3.8
B (±0.1nH)
C,S
13 / 500MHz
0.55
340
6
ATFC-0402-3N9-X
3.9
B (±0.1nH)
C,S
13 / 500MHz
0.55
340
6
ATFC-0402-4N7-X
4.7
B (±0.1nH)
C,S
13 / 500MHz
0.65
320
6
ATFC-0402-5N6-X
5.6
B (±0.1nH)
C,S
13 / 500MHz
0.85
280
6
ATFC-0402-5N9-X
5.9
B (±0.1nH)
C,S
13 / 500MHz
0.85
280
6
ATFC-0402-6N8-X
6.8
B (±0.1nH)
C,S
13 / 500MHz
1.05
260
6
ATFC-0402-7N2-X
7.2
B (±0.1nH)
C,S
13 / 500MHz
1.05
260
6
ATFC-0402-8N0-X
8.0
B (±0.1nH)
C,S
13 / 500MHz
1.25
220
5.5
ATFC-0402-8N2-X
8.2
B (±0.1nH)
C,S
13 / 500MHz
1.25
220
5.5
ATFC-0402-9N1-X
9.1
B (±0.1nH)
C,S
13 / 500MHz
1.25
220
5.5
ATFC-0402-10N-X
10.0
F (±1%)
G,H,J
13 / 500MHz
1.35
200
4.5
ATFC-0402-12N-X
12.0
F (±1%)
G,H,J
13 / 500MHz
1.55
180
3.7
ATFC-0402-13N8-X
13.8
F (±1%)
G,H,J
13 / 500MHz
1.75
180
3.7
ATFC-0402-15N-X
15.0
F (±1%)
G,H,J
13 / 500MHz
1.75
130
3.3
ATFC-0402-17N-X
17.0
F (±1%)
G,H,J
13 / 500MHz
1.95
100
3.1
ATFC-0402-18N-X
18.0
F (±1%)
G,H,J
13 / 500MHz
2.15
100
3.1
ATFC-0402-20N8-X
20.8
F (±1%)
G,H,J
13 / 500MHz
2.55
90
2.8
ATFC-0402-22N-X
22.0
F (±1%)
G,H,J
13 / 500MHz
2.65
90
2.8
ATFC-0402-27N-X
27.0
F (±1%)
G,H,J
13 / 500MHz
3.25
75
2.5
ATFC-0402-33N-X
33
J (±5%)
-
13 / 500MHz
4.5
75
2.5


Similar Part No. - ATFC-0402_08

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402-0N2-BT ABRACON-ATFC-0402-0N2-BT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-0N2-CT ABRACON-ATFC-0402-0N2-CT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-0N2-FT ABRACON-ATFC-0402-0N2-FT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-0N2-GT ABRACON-ATFC-0402-0N2-GT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-0N2-JT ABRACON-ATFC-0402-0N2-JT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
More results

Similar Description - ATFC-0402_08

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com