Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT1015-H Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBT1015-H
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT1015-H Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBT1015-H Datasheet HTML 1Page - Micro Commercial Components MMBT1015-H Datasheet HTML 2Page - Micro Commercial Components MMBT1015-H Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Noise Figure
NF
Ic=-0.1mA,VCE=-6V
RG=1k
Ω,f=100Hz
0.5
6
dB
RANGE
1
30-200
200-400
CLASSIFICATION OF hFE1
ELECTRICAL CHARACTERISTICS Ta=25
°C Unless Otherwise Specified
TYPICAL CHARACTERISTIC CURVES
Fig.1 Static characteristics
Collector-Emitter voltage ( V)
-0
-4
-8
-12
-16
-20
0
-10
-20
-30
-40
-50
IB=-50
µA
IB=-100
µA
IB=-150
µA
IB=-200
µA
IB=-250
µA
IB=-300
µA
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
-10
3
-10
2
-10
1
-10
0
-10
-1
VCE=-6V
Fig.3 Base-Emitter on Voltage
Base-Emitter voltage (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-6V
Ic,Collector current (mA)
-10
1
Fig.4 Saturation voltage
Fig.5 Current gain-bandwidth
product
Fig.6 Collector output
Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
Ic,Collector current (mA)
10
3
10
0
10
1
10
2
VCE=-6V
Collector-Base voltage (V)
10
0
10
1
10
2
f=1MHz
IE=0
-10
-1
-10
0
-10
1
-10
2
-10
3
-10
2
-10
1
-10
0
-10
-1
-10
0
-10
1
-10
2
-10
0
-10
1
-10
2
-10
3
-10
-1
-10
-2
-10
0
-10
-1
-10
-1
10
-1
RANK
L
H
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=-100
µA,IE=0
-50
V
Collector-emitter breakdown voltage
BVCEO
Ic=-10mA,IB=0
-50
V
Emitter-base breakdown voltage
BVEBO
IE=-10
µA,Ic=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,Ic=0
-100
nA
DC current gain(note)
hFE1
hFE2
VCE=-6V,Ic=-2mA
VCE=-6V,Ic=-150mA
70
25
400
Collector-emitter saturation voltage
VCE(sat)
Ic=-100mA,IB=-10mA
-0.1
-0.3
V
Base-emitter saturation voltage
VBE(sat)
Ic=-100mA,IB=-10mA
-1.1
V
Current gain bandwidth product
fT
VCE=-10V,Ic=-1mA
80
MHz
Output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
4.0
7.0
pF
Revision: B
2011/04/18
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - MMBT1015-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBT1015-H MCC-MMBT1015-H Datasheet
229Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - MMBT1015-H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com