Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB0102GD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NTB0102GD
Description  Dual supply translating transceiver; auto direction sensing ; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTB0102GD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NTB0102GD Datasheet HTML 3Page - NXP Semiconductors NTB0102GD Datasheet HTML 4Page - NXP Semiconductors NTB0102GD Datasheet HTML 5Page - NXP Semiconductors NTB0102GD Datasheet HTML 6Page - NXP Semiconductors NTB0102GD Datasheet HTML 7Page - NXP Semiconductors NTB0102GD Datasheet HTML 8Page - NXP Semiconductors NTB0102GD Datasheet HTML 9Page - NXP Semiconductors NTB0102GD Datasheet HTML 10Page - NXP Semiconductors NTB0102GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NTB0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2011
7 of 26
NXP Semiconductors
NTB0102
Dual supply translating transceiver; auto direction sensing; 3-state
[1]
VCCI is the supply voltage associated with the input.
[2]
VCCO is the supply voltage associated with the output.
11. Dynamic characteristics
ICC
supply current
VI = 0 V or VCCI; IO = 0 A
[1]
ICC(A)
OE = LOW;
VCC(A) = 1.4 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
-3
-
15
μA
OE = HIGH;
VCC(A) = 1.4 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
-3
-
20
μA
VCC(A) = 3.6 V; VCC(B) =0V
-
2
-
15
μA
VCC(A) = 0 V; VCC(B) =5.5 V
-
−2-
−15
μA
ICC(B)
OE = LOW;
VCC(A) = 1.4 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
-5
-
15
μA
OE = HIGH;
VCC(A) = 1.4 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
-5
-
20
μA
VCC(A) = 3.6 V; VCC(B) =0V
-
−2-
−15
μA
VCC(A) = 0 V; VCC(B) =5.5 V
-
2
-
15
μA
ICC(A) + ICC(B)
VCC(A) = 1.4 V to 3.6 V;
VCC(B) =1.65Vto 5.5V
-8
-
40
μA
Table 9.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Table 10.
Typical dynamic characteristics for temperature 25
°C[1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for waveforms see Figure 6 and Figure 7.
Symbol
Parameter
Conditions
VCC(B)
Unit
1.8 V
2.5 V
3.3 V
5.0 V
VCC(A) = 1.2 V; Tamb = 25 °C
tpd
propagation delay
A to B
5.9
4.8
4.4
4.2
ns
B to A
5.6
4.8
4.5
4.4
ns
ten
enable time
OE to A, B
0.5
0.5
0.5
0.5
μs
tdis
disable time
OE to A; no external load
[2]
6.96.9
6.96.9
ns
OE to B; no external load
[2]
9.58.6
8.58.0
ns
OE to A
81
69
83
68
ns
OE to B
81
69
83
68
ns
tt
transition time
A port
4.0
4.0
4.1
4.1
ns
B port
2.6
2.0
1.7
1.4
ns


Similar Part No. - NTB0102GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0102GF NXP-NTB0102GF Datasheet
367Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5.0-20 April 2022
NTB0102GF NXP-NTB0102GF Datasheet
541Kb / 34P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5.2 - 12 June 2023
NTB0102GT NXP-NTB0102GT Datasheet
367Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5.0-20 April 2022
NTB0102GT NXP-NTB0102GT Datasheet
541Kb / 34P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5.2 - 12 June 2023
More results

Similar Description - NTB0102GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0104 NEXPERIA-NXB0104 Datasheet
350Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 3 - 13 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com