Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPLEZW-A1-0000-0000B035F Datasheet(PDF) 10 Page - Cree, Inc

Part # MPLEZW-A1-0000-0000B035F
Description  Cree짰 XLamp짰 MP-L EasyWhite??LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MPLEZW-A1-0000-0000B035F Datasheet(HTML) 10 Page - Cree, Inc

Back Button MPLEZW-A1-0000-0000B035F Datasheet HTML 6Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 7Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 8Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 9Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 10Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 11Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 12Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 13Page - Cree, Inc MPLEZW-A1-0000-0000B035F Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
XLAMP MP-L EASYWHITE LEDS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
notes
lumen maintenance Projections
Based on internal long-term reliability testing, Cree projects XLamp MP-L easyWhite LeDs to maintain a mean 70%
lumen maintenance after 50,000 hours at maximum rated drive current, provided the LED solder point temperature is
maintained at or below 85°C.
Please read the XLamp Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance
testing and forecasting. Please read the XLamp Thermal Management application note for details on how thermal design,
ambient temperature, and drive current affect the LeD junction temperature.
moisture sensitivity
XLamp MP-L easyWhite LeDs are shipped in sealed, moisture-
barrier bags (MBB) designed for long shelf life. If XLamp MP-L
easyWhite LeDs are exposed to moist environments after open-
ing the MBB packaging but before soldering, damage to the
LeD may occur during the soldering operation. The following
derating table defines the maximum exposure time (in days)
for an XLamp MP-L easyWhite LeD in the listed humidity and
temperature conditions. LEDs with exposure time longer than the time specified below must be baked according to the
baking conditions listed below.
Baking conditions
It is not necessary to bake all XLamp MP-L easyWhite LeDs. Only the LeDs that meet all of the following criteria must
be baked:
1. LeDs that have been removed from the original MBB packaging
2. LeDs that have been exposed to a humid environment longer than listed in the Moisture Sensitivity section above
3. LeDs that have not been soldered
LeDs should be baked at 80ºC for 24 hours. LeDs may be baked on the original reels. Remove LeDs from MBB packaging
before baking. Do not bake parts at temperatures higher than 80ºC. This baking operation resets the exposure time as
defined in the Moisture Sensitivity section above.
temp.
maximum Percent relative humidity
30%
40%
50%
60%
70%
80%
90%
35ºC
-
-
-
17
1
.5
.5
30ºC
-
-
-
28
1
1
1
25ºC
-
-
-
-
2
1
1
20ºC
-
-
-
-
2
1
1


Similar Part No. - MPLEZW-A1-0000-0000B035F

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
MicroPower Direct, LLC
MPL-01S-05E MPD-MPL-01S-05E Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01S-05EUP MPD-MPL-01S-05EUP Datasheet
1Mb / 4P
   1W Output Power
MPL-01S-09E MPD-MPL-01S-09E Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01S-09EUP MPD-MPL-01S-09EUP Datasheet
1Mb / 4P
   1W Output Power
More results

Similar Description - MPLEZW-A1-0000-0000B035F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MTG-EZW CREE-MTG-EZW Datasheet
1Mb / 14P
   Cree짰 XLamp짰 MT-G EasyWhite??LEDs
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com