Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRME108K025S0023 Datasheet(PDF) 1 Page - AVX Corporation

Part # TRME108K025S0023
Description  TRM Professional Multianode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRME108K025S0023 Datasheet(HTML) 1 Page - AVX Corporation

  TRME108K025S0023 Datasheet HTML 1Page - AVX Corporation TRME108K025S0023 Datasheet HTML 2Page - AVX Corporation TRME108K025S0023 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
66
TRM Professional Multianode
Tantalum Ultra Low ESR Capacitor
HOW TO ORDER
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
22 μF to 1500 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
2.5
4
6.3
10
16
20
25
35
Category Voltage (VC)
+125°C:
1.7
2.7
4
7
10
13
17
23
Surge Voltage (VS)
+85°C:
3.3
5.2
8
13
20
26
32
46
Surge Voltage (VS)
+125°C:
2.2
3.4
5
8
13
16
20
28
Temperature Range:
-55°C to +125°C
Reliability:
0.5% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
TRM
Type
E
Case Size
See table
above
108
Capacitance Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
*
Tolerance
K=±10%
M=±20%
004
Rated DC Voltage
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
R
Packaging
R = Lead Free 7" Reel
S = Lead Free 13" Reel
H = Tin Lead 7" Reel
(Contact Manufacturer)
K = Tin Lead 13" Reel
(Contact Manufacturer)
H, K = Non RoHS
0023
ESR in mΩ
Code
EIA
EIA
L±0.20
W+0.20 (0.008) H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
For part marking see page 130
• Improved reliability – 0.5%/1khrs (twice better than standard)
• DCL reduced by 25% to 0.0075 CV
• Robust against higher thermo-mechanical stresses during assembly
process
• Multi-anode construction
• Super low ESR
• CV range 22-1500μF / 2.5-35V
• “Mirror” construction used with D case capacitors reduces ESL to half
• Automotive, medical, aerospace, military and other hi-end application
MULTIANODE CONSTRUCTION
MULTIANODE TRMD LOW SELF INDUCTANCE
CONSTRUCTION “MIRROR” DESIGN
TRM Professional Multianode
Tantalum Ultra Low ESR Capacitor
LEAD-FREE COMPATIBLE
COMPONENT
SnPb termination option is not
RoHS compliant.


Similar Part No. - TRME108K025S0023

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRME108K025S0023

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Hamamatsu Corporation
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
Molex Electronics Ltd.
SD-64323-001 MOLEX-SD-64323-001 Datasheet
546Kb / 1P
   CP RCPT TRM 1.5
Rev. C1
logo
Cypress Semiconductor
CY8C20X34 CYPRESS-CY8C20X34 Datasheet
2Mb / 218P
   Technical Reference Manual (TRM)
CY8CTMG200-32LQXI CYPRESS-CY8CTMG200-32LQXI Datasheet
2Mb / 309P
   Technical Reference Manual (TRM)
CY8C20X34 CYPRESS-CY8C20X34_08 Datasheet
2Mb / 216P
   Technical Reference Manual (TRM)
logo
Molex Electronics Ltd.
SD-64324-001 MOLEX-SD-64324-001 Datasheet
501Kb / 1P
   CP RCPT TRM 2.8
Rev. D1
logo
Linx Technologies
TRM-915-DTS LINX-TRM-915-DTS Datasheet
1Mb / 25P
   TRM-915-DTS / TRM-915-DTS-BRZ RF Transceiver Module
2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com