Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESH2B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ESH2B
Description  2.0AMPS Surface Mount Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESH2B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ESH2B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESH2B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain rellef
Ideal for automated placement
Easy pick and place
Super fast recovery time for high efficiency
Qualified as per AEC-Q101
ESH2X = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
25
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load
IFSM
60
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
0.93
25
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Typical Thermal Resistance
RθjA
RθjL
75
20
OC/W
V
ESH2C
ESH2D
100
70
150
105
200
140
A
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
2
50
100
150
200
Maximum DC Blocking Voltage
2
Features
Polarity: Indicated by cathode band
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 175
Version:B11
ESH2B - ESH2D
2.0AMPS Surface Mount Super Fast Rectifiers
Marking Diagram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Weight: 0.093 grams
Type Number
Maximum Average Forward Rectified Current
ESH2B
uA
Maximum Reverse Recovery Time (Note 2)
- 55 to + 175
Typical Junction Capacitance (Note 3)
Mechanical Data
High temperature soldering:
260℃/10 seconds at terminals
Packing: 12mm tape per EIA STD RS-481
Terminals: Pure tin plated, lead free
Case: Molded plastic
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - ESH2B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH2B VISHAY-ESH2B Datasheet
359Kb / 4P
   Surface Mount Ultrafast Plastic Rectifiers
17-Oct-05
ESH2B VISHAY-ESH2B Datasheet
104Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
logo
SUNMATE electronic Co.,...
ESH2B SUNMATE-ESH2B Datasheet
352Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Vishay Siliconix
ESH2B VISHAY-ESH2B Datasheet
107Kb / 5P
   Surface-Mount Ultrafast Plastic Rectifier
01-Jan-2022
ESH2B-M3 VISHAY-ESH2B-M3 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Feb-15
More results

Similar Description - ESH2B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A_13 Datasheet
436Kb / 4P
   2.0AMPS. Surface Mount Super Fast Rectifiers
logo
Guangdong Juxing Electr...
ES2A-ES2K JUXING-ES2A-ES2K Datasheet
1Mb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES2AA TSC-ES2AA_11 Datasheet
196Kb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_11 Datasheet
198Kb / 2P
   2.0AMPS. Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
ES2A CHONGQING-ES2A_16 Datasheet
177Kb / 1P
   2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
RS2A CHONGQING-RS2A_16 Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G_11 Datasheet
190Kb / 2P
   2.0AMPS. Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
   2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF21 TSC-SF21_13 Datasheet
426Kb / 4P
   2.0AMPS. Super Fast Rectifiers High reliability
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com