Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRME108M004R0023 Datasheet(PDF) 3 Page - AVX Corporation

Part # TRME108M004R0023
Description  TRM Professional Multianode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRME108M004R0023 Datasheet(HTML) 3 Page - AVX Corporation

  TRME108M004R0023 Datasheet HTML 1Page - AVX Corporation TRME108M004R0023 Datasheet HTML 2Page - AVX Corporation TRME108M004R0023 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
68
TRM Professional Multianode
Tantalum Ultra Low ESR Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case
Capacitance
Voltage
(μA)
%
Max. (mΩ)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TRMD108*002#0025
D
1000
2.5
18.8
8
25
3
3.194
2.874
1.277
0.080
0.072
0.032
TRME158*002#0018
E
1500
2.5
28.1
6
18
3
3.873
3.486
1.549
0.070
0.063
0.028
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TRMD337*004#0035
D
330
4
9.9
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TRMD477*004#0035
D
470
4
14.1
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TRME687*004#0023
E
680
4
20.4
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
TRME108*004#0023
E
1000
4
30
6
23
3
3.426
3.084
1.370
0.079
0.071
0.032
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TRMD337*006#0035
D
330
6.3
14.9
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TRME477*006#0030
E
470
6.3
21.2
6
30
3
3.000
2.700
2.100
0.090
0.081
0.036
10 Volt @ 85ºC (7 Volt @ 125ºC)
TRMD227*010#0035
D
220
10
16.5
8
35
3
2.699
2.429
1.080
0.094
0.085
0.038
TRME337*010#0035
E
330
10
24.8
6
35
3
2.777
2.500
1.111
0.097
0.087
0.039
16 Volt @ 85ºC (10 Volt @ 125ºC)
TRME157*016#0030
E
150
16
18
6
30
3
3.000
2.700
1.200
0.090
0.081
0.036
TRME157*016#0040
E
150
16
18
6
40
3
2.598
2.338
1.039
0.104
0.094
0.042
20 Volt @ 85ºC (13 Volt @ 125ºC)
TRME107*020#0035
E
100
20
15
6
35
3
2.777
2.500
1.111
0.097
0.087
0.039
TRME107*020#0045
E
100
20
15
6
45
3
2.449
2.205
0.980
0.110
0.099
0.044
25 Volt @ 85ºC (17 Volt @ 125ºC)
TRMD336*025#0065
D
33
25
6.2
8
65
3
1.981
1.783
0.792
0.129
0.116
0.051
TRME476*025#0065
E
47
25
8.8
6
65
3
2.038
1.834
0.815
0.132
0.119
0.053
35 Volt @ 85ºC (23 Volt @ 125ºC)
TRMD226*035#0070
D
22
35
5.8
8
70
3
1.909
1.718
0.763
0.134
0.120
0.053
TRME226*035#0060
E
22
35
5.8
6
60
3
2.121
1.909
0.849
0.127
0.115
0.051
TRME226*035#0100
E
22
35
5.8
6
100
3
1.643
1.479
0.657
0.164
0.148
0.066
TRME336*035#0050
E
33
35
8.7
6
50
3
2.324
2.091
0.930
0.116
0.105
0.046
TRME336*035#0065
E
33
35
8.7
6
65
3
2.038
1.834
0.815
0.132
0.119
0.053
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 123.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TRME108M004R0023

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRME108M004R0023

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Hamamatsu Corporation
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
Molex Electronics Ltd.
SD-64323-001 MOLEX-SD-64323-001 Datasheet
546Kb / 1P
   CP RCPT TRM 1.5
Rev. C1
logo
Cypress Semiconductor
CY8C20X34 CYPRESS-CY8C20X34 Datasheet
2Mb / 218P
   Technical Reference Manual (TRM)
CY8CTMG200-32LQXI CYPRESS-CY8CTMG200-32LQXI Datasheet
2Mb / 309P
   Technical Reference Manual (TRM)
CY8C20X34 CYPRESS-CY8C20X34_08 Datasheet
2Mb / 216P
   Technical Reference Manual (TRM)
logo
Molex Electronics Ltd.
SD-64324-001 MOLEX-SD-64324-001 Datasheet
501Kb / 1P
   CP RCPT TRM 2.8
Rev. D1
logo
Linx Technologies
TRM-915-DTS LINX-TRM-915-DTS Datasheet
1Mb / 25P
   TRM-915-DTS / TRM-915-DTS-BRZ RF Transceiver Module
2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com