Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM3S Datasheet(PDF) 7 Page - ATMEL Corporation

Part # SAM3S
Description  ARM-based Flash MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3S Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button SAM3S Datasheet HTML 3Page - ATMEL Corporation SAM3S Datasheet HTML 4Page - ATMEL Corporation SAM3S Datasheet HTML 5Page - ATMEL Corporation SAM3S Datasheet HTML 6Page - ATMEL Corporation SAM3S Datasheet HTML 7Page - ATMEL Corporation SAM3S Datasheet HTML 8Page - ATMEL Corporation SAM3S Datasheet HTML 9Page - ATMEL Corporation SAM3S Datasheet HTML 10Page - ATMEL Corporation SAM3S Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
7
6500CS–ATARM–24-Jan-11
SAM3S Summary
Universal Asynchronous Receiver Transmitter - UARTx
URXDx
UART Receive Data
Input
UTXDx
UART Transmit Data
Output
PIO Controller - PIOA - PIOB - PIOC
PA0 - PA31
Parallel IO Controller A
I/O
VDDIO
Reset State:
- PIO or System IOs(2)
- Internal pull-up enabled
- Schmitt Trigger enabled(1)
PB0 - PB14
Parallel IO Controller B
I/O
PC0 - PC31
Parallel IO Controller C
I/O
PIO Controller - Parallel Capture Mode (PIOA Only)
PIODC0-PIODC7
Parallel Capture Mode Data
Input
VDDIO
PIODCCLK
Parallel Capture Mode Clock
Input
PIODCEN1-2
Parallel Capture Mode Enable
Input
External Bus Interface
D0 - D7
Data Bus
I/O
A0 - A23
Address Bus
Output
NWAIT
External Wait Signal
Input
Low
Static Memory Controller - SMC
NCS0 - NCS3
Chip Select Lines
Output
Low
NRD
Read Signal
Output
Low
NWE
Write Enable
Output
Low
NAND Flash Logic
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
High Speed Multimedia Card Interface - HSMCI
MCCK
Multimedia Card Clock
I/O
MCCDA
Multimedia Card Slot A Command
I/O
MCDA0 - MCDA3
Multimedia Card Slot A Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter USARTx
SCKx
USARTx Serial Clock
I/O
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
CTSx
USARTx Clear To Send
Input
DTR1
USART1 Data Terminal Ready
I/O
DSR1
USART1 Data Set Ready
Input
DCD1
USART1 Data Carrier Detect
Input
RI1
USART1 Ring Indicator
Input
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments


Similar Part No. - SAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3S ATMEL-SAM3S Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
   AT91SAM ARM-based Flash MCU
More results

Similar Description - SAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com