Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM3S Datasheet(PDF) 9 Page - ATMEL Corporation

Part # SAM3S
Description  ARM-based Flash MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3S Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button SAM3S_11 Datasheet HTML 5Page - ATMEL Corporation SAM3S_11 Datasheet HTML 6Page - ATMEL Corporation SAM3S_11 Datasheet HTML 7Page - ATMEL Corporation SAM3S_11 Datasheet HTML 8Page - ATMEL Corporation SAM3S_11 Datasheet HTML 9Page - ATMEL Corporation SAM3S_11 Datasheet HTML 10Page - ATMEL Corporation SAM3S_11 Datasheet HTML 11Page - ATMEL Corporation SAM3S_11 Datasheet HTML 12Page - ATMEL Corporation SAM3S_11 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
9
6500CS–ATARM–24-Jan-11
SAM3S Summary
Notes:
1. Schmitt Triggers can be disabled through PIO registers.
2. Some PIO lines are shared with System IOs.
3. Refer to the USB sub section in the product Electrical Characteristics Section for Pull-down value in USB Mode.
4. See Section 5.3 “Typical Powering Schematics” for restriction on voltage range of Analog Cells.
Fast Flash Programming Interface - FFPI
PGMEN0-PGMEN2
Programming Enabling
Input
VDDIO
PGMM0-PGMM3
Programming Mode
Input
VDDIO
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
USB Full Speed Device
DDM
USB Full Speed Data -
Analog,
Digital
VDDIO
Reset State:
- USB Mode
- Internal Pull-down(3)
DDP
USB Full Speed Data +
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments


Similar Part No. - SAM3S_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
   AT91SAM ARM-based Flash MCU
More results

Similar Description - SAM3S_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com