Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6306 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6306
Description  Multiple Input Programmable Supervisory ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6306 Datasheet HTML 4Page - Analog Devices ADM6306 Datasheet HTML 5Page - Analog Devices ADM6306 Datasheet HTML 6Page - Analog Devices ADM6306 Datasheet HTML 7Page - Analog Devices ADM6306 Datasheet HTML 8Page - Analog Devices ADM6306 Datasheet HTML 9Page - Analog Devices ADM6306 Datasheet HTML 10Page - Analog Devices ADM6306 Datasheet HTML 11Page - Analog Devices ADM6306 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 9 of 12
OPTIONS
Table 6. ADM6306 VCC Reset Voltage Threshold Options
Reset Threshold Number
T
A = 25°C
T
A= −40°C to +125°C
Unit
Min
Typ
Max
Min
Max
25
2.463
2.5
2.538
2.438
2.563
V
26
2.591
2.63
2.669
2.564
2.696
V
27
2.66
2.7
2.741
2.633
2.768
V
28
2.758
2.8
2.842
2.73
2.87
V
29
2.886
2.93
2.974
2.857
3
V
30
2.955
3
3.045
2.925
3.075
V
31
3.034
3.08
3.126
3.003
3.157
V
32
3.152
3.2
3.248
3.12
3.28
V
33
3.251
3.3
3.35
3.218
3.383
V
34
3.349
3.4
3.451
3.315
3.485
V
35
3.448
3.5
3.553
3.413
3.588
V
36
3.546
3.6
3.654
3.51
3.69
V
37
3.645
3.7
3.756
3.608
3.793
V
38
3.743
3.8
3.857
3.705
3.895
V
39
3.842
3.9
3.959
3.803
3.998
V
40
3.94
4
4.06
3.9
4.1
V
41
4.039
4.1
4.162
3.998
4.203
V
42
4.137
4.2
4.263
4.095
4.305
V
43
4.236
4.3
4.365
4.193
4.408
V
44
4.314
4.38
4.446
4.27
4.49
V
45
4.433
4.5
4.568
4.388
4.613
V
46
4.561
4.63
4.699
4.514
4.746
V
47
4.63
4.7
4.771
4.583
4.818
V
48
4.728
4.8
4.872
4.68
4.92
V
49
4.827
4.9
4.974
4.778
5.023
V
50
4.925
5.0
5.075
4.875
5.125
V
Table 7. Reset Timeout Options
Reset Timeout Period Code
T
A= −40°C to +125°C
Unit
Min
Typ
Max
ADM630xD1
1.0
1.4
2.0
ms
ADM630xD2
20
28
40
ms
ADM630xD3
140
200
280
ms
ADM630xD4
1120
1570
2240
ms
Table 8. Adjustable Input Threshold Options
Model
Monitored Input Threshold
RST IN1
RST IN2
RST IN
ADM6305_ _ _ _ _Z-RL7
1.23 V
1.23 V
N/A
ADM6305_ _ _ _ _Z1-RL7
0.4 V
0.4 V
N/A
ADM6306_ _ _ _ _ _ _Z-R7
N/A
N/A
1.23 V
ADM6306_ _ _ _ _ _ _Z1-R7
N/A
N/A
0.4 V


Similar Part No. - ADM6306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6306D131ARJZ-R7 AD-ADM6306D131ARJZ-R7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6306D131ARJZ1R7 AD-ADM6306D131ARJZ1R7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6306D329ARJZ-R7 AD-ADM6306D329ARJZ-R7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6306D330ARJZ-R7 AD-ADM6306D330ARJZ-R7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6306D331ARJZ-R7 AD-ADM6306D331ARJZ-R7 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
More results

Similar Description - ADM6306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com