Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY55B4V3 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55B4V3
Description  500mW,2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55B4V3 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZY55B4V3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55B4V3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55B4V3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZY55B2V4~BZY55B36
500mW,2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.5V Maximum @ IF = 200 mA for all part numbers
Nom
Min
Max
BZY55B2V4
2V4
2.4
2.35
2.45
5
85
1.0
600
50
1.0
BZY55B2V7
2V7
2.7
2.65
2.75
5
85
1.0
600
10
1.0
BZY55B3V0
3
3.0
2.94
3.06
5
85
1.0
600
4
1.0
BZY55B3V3
3V3
3.3
3.23
3.37
5
85
1.0
600
2
1.0
BZY55B3V6
3V6
3.6
3.53
3.67
5
85
1.0
600
2
1.0
BZY55B3V9
3V9
3.9
3.82
3.98
5
85
1.0
600
2
1.0
BZY55B4V3
4V3
4.3
4.21
4.39
5
80
1.0
600
1
1.0
BZY55B4V7
4V7
4.7
4.61
4.79
5
70
1.0
600
0.5
1.0
BZY55B5V1
5V1
5.1
5.00
5.20
5
50
1.0
550
0.1
1.0
BZY55B5V6
5V6
5.6
5.49
5.71
5
30
1.0
450
0.1
1.0
BZY55B6V2
6V2
6.2
6.08
6.32
5
10
1.0
200
0.1
2.0
BZY55B6V8
6V8
6.8
6.66
6.94
5
8
1.0
150
0.1
3.0
BZY55B7V5
7V5
7.5
7.35
7.65
5
7
1.0
50
0.1
5.0
BZY55B8V2
8V2
8.2
8.04
8.36
5
7
1.0
50
0.1
6.2
BZY55B9V1
9V1
9.1
8.92
9.28
5
10
1.0
50
0.1
6.8
BZY55B10
10
10
9.80
10.20
5
15
1.0
70
0.1
7.5
BZY55B11
11
11
10.78
11.22
5
20
1.0
70
0.1
8.2
BZY55B12
12
12
11.76
12.24
5
20
1.0
90
0.1
9.1
BZY55B13
13
13
12.74
13.26
5
26
1.0
110
0.1
10.0
BZY55B15
15
15
14.70
15.30
5
30
1.0
110
0.1
11.0
BZY55B16
16
16
15.68
16.32
5
40
1.0
170
0.1
12.0
BZY55B18
18
18
17.64
18.36
5
50
1.0
170
0.1
13.0
BZY55B20
20
20
19.60
20.40
5
55
1.0
220
0.1
15.0
BZY55B22
22
22
21.56
22.44
5
55
1.0
220
0.1
16.0
BZY55B24
24
24
23.52
24.48
5
80
1.0
220
0.1
18.0
BZY55B27
27
27
26.46
27.54
5
80
1.0
220
0.1
20.0
BZY55B30
30
30
29.40
30.60
5
80
1.0
220
0.1
22.0
BZY55B33
33
33
32.34
33.66
5
80
1.0
220
0.1
24.0
BZY55B36
36
36
35.28
36.72
5
80
1.0
220
0.1
27.0
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the
DC zener current
Part Number
ZZT @ IZT(Ω)
Max
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances,
Device
Marking
Version : A11


Similar Part No. - BZY55B4V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55B4V3 TSC-BZY55B4V3 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
More results

Similar Description - BZY55B4V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com