Electronic Components Datasheet Search |
|
TXS0102DQMR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TXS0102DQMR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 23 page TXS0102 www.ti.com SCES640D – JANUARY 2007 – REVISED MARCH 2011 ABSOLUTE MAXIMUM RATINGS (1) over recommended operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCCA Supply voltage range –0.5 4.6 V VCCB Supply voltage range –0.5 6.5 V A port –0.5 4.6 VI Input voltage range(2) V B port –0.5 6.5 A port –0.5 4.6 Voltage range applied to any output VO V in the high-impedance or power-off state(2) B port –0.5 6.5 A port –0.5 VCCA + 0.5 VO Voltage range applied to any output in the high or low state(2) (3) V B port –0.5 VCCB + 0.5 IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCCA, VCCB, or GND ±100 mA DCT package 220 DCU package 227 θJA Package thermal impedance(4) DQE package 261 °C/W DQM package TBD YZP package 102 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions " is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The value of VCCA and VCCB are provided in the recommended operating conditions table. (4) The package thermal impedance is calculated in accordance with JESD 51-7. RECOMMENDED OPERATING CONDITIONS (1) (2) VCCA VCCB MIN MAX UNIT VCCA Supply voltage(3) 1.65 3.6 V VCCB Supply voltage 2.3 5.5 V 1.65 V to 1.95 V VCCI – 0.2 VCCI A-port I/Os 2.3 V to 5.5 V 2.3 V to 3.6 V VCCI – 0.4 VCCI High-level VIH V input voltage B-port I/Os VCCI – 0.4 VCCI 1.65 V to 3.6 V 2.3 V to 5.5 V OE input VCCA × 0.65 5.5 A-port I/Os 0 0.15 Low-level VIL (4) B-port I/Os 1.65 V to 3.6 V 2.3 V to 5.5 V 0 0.15 V input voltage OE input 0 VCCA × 0.35 A-port I/Os, push-pull driving 10 Input transition Δt/Δv B-port I/Os, push-pull driving 1.65 V to 3.6 V 2.3 V to 5.5 V 10 ns/V rise or fall rate Control input 10 TA Operating free-air temperature –40 85 °C (1) VCCI is the supply voltage associated with the input port. (2) VCCO is the supply voltage associated with the output port. (3) VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V. (4) The maximum VIL value is provided to ensure that a valid VOL is maintained. The VOL value is VIL plus the voltage drop across the pass-gate transistor. Copyright © 2007–2011, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TXS0102 |
Similar Part No. - TXS0102DQMR |
|
Similar Description - TXS0102DQMR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |