Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0102DCURG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0102DCURG4
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0102DCURG4 Datasheet(HTML) 1 Page - Texas Instruments

  TXS0102DCURG4 Datasheet HTML 1Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 2Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 3Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 4Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 5Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 6Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 7Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 8Page - Texas Instruments TXS0102DCURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
B1
8
2
7
V
CCB
3
6
OE
4
5
B2
GND
V
CCA
A2
A1
V
CCB
B1
B2
OE
V
CCA
A1
A2
GND
1
2
3
4
8
7
6
5
A2
5
4
A1
3 6
OE
V
CCA
2 7
V
CCB
GND
8
B1
1
B2
A1
B1
C1
D1
A2
B2
C2
D2
TXS0102
www.ti.com
SCES640D
– JANUARY 2007 – REVISED MARCH 2011
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Check for Samples: TXS0102
1
FEATURES
TYPICAL LEVEL-SHIFTER
APPLICATIONS
2
No Direction-Control Signal Needed
I2C/SMBus
Max Data Rates
UART
– 24 Mbps (Push Pull)
GPIO
– 2 Mbps (Open Drain)
Available in the Texas Instruments NanoStar
DCT OR DCU PACKAGE
(TOP VIEW)
Package
1.65 V to 3.6 V on A port and 2.3 V to 5.5 V on
B port (VCCA ≤ VCCB)
VCC Isolation Feature – If Either VCC Input Is at
GND, Both Ports Are in the High-Impedance
State
No Power-Supply Sequencing Required
Either VCCA or VCCB Can Be Ramped First
DQE OR DQM PACKAGE
Ioff Supports Partial-Power-Down Mode
(TOP VIEW)
Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– A Port
YZP PACKAGE
– 2500-V Human-Body Model (A114-B)
(BOTTOM VIEW)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
– B Port
– 8-kV Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
This two-bit non-inverting translator is a bidirectional voltage-level translator and can be used to establish digital
switching compatibility between mixed-voltage systems. It uses two separate configurable power-supply rails,
with the A ports supporting operating voltages from 1.65 V to 3.6 V while it tracks the VCCA supply, and the B
ports supporting operating voltages from 2.3 V to 5.5 V while it tracks the VCCB supply. This allows the support of
both lower and higher logic signal levels while providing bidirectional translation capabilities between any of the
1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes.
When the output-enable (OE) input is low, all I/Os are placed in the high-impedance state, which significantly
reduces the power-supply quiescent current consumption.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TXS0102DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102DCURG4 TI-TXS0102DCURG4 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCURG4 TI-TXS0102DCURG4 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCURG4 TI1-TXS0102DCURG4 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
TXS0102DCURG4 TI-TXS0102DCURG4 Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
More results

Similar Description - TXS0102DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Texas Instruments
TXS0102 TI-TXS0102_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com