Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62732 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62732
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62732 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62732 Datasheet HTML 5Page - Texas Instruments TPS62732 Datasheet HTML 6Page - Texas Instruments TPS62732 Datasheet HTML 7Page - Texas Instruments TPS62732 Datasheet HTML 8Page - Texas Instruments TPS62732 Datasheet HTML 9Page - Texas Instruments TPS62732 Datasheet HTML 10Page - Texas Instruments TPS62732 Datasheet HTML 11Page - Texas Instruments TPS62732 Datasheet HTML 12Page - Texas Instruments TPS62732 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
I
= 1 mA 25ºC
OUT
DC/DC
mode
bypass
mode
2
2.05
2.1
2.15
2.2
2.25
2.3
1.9
2
2.1
2.2
2.3
2.4
2.5
V
- Input Voltage - V
IN
I
= 20 mA -40ºC
OUT
I
= 1 mA 85ºC
OUT
I
= 20 mA 25ºC
OUT
I
= 1 mA -40ºC
OUT
I
= 20 mA 85ºC
OUT
ON/BYP = high
automatic transition
into bypass mode
falling VIN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.9
2.3
2.9
3.5
3.9
V
- Input Voltage - V
IN
2.1
2.7
2.5
3.1
3.3
3.7
T = -40°C
A
T = 25°C
A
T = 50°C
A
T = 60°C
A
T = 70°C
A
T = 85°C
A
T = -20°C
A
T = 0°C
A
DC/DC mode
bypass mode
2
2.05
2.1
2.15
2.2
2.25
2.3
1.9
2
2.1
2.2
2.3
2.4
2.5
V
- Input Voltage - V
IN
I
= 1 mA -40ºC
OUT
I
= 1 mA 25ºC
OUT
I
= 1 mA 85ºC
OUT
I
= 20 mA -40ºC
OUT
I
= 20 mA
OUT
I
= 20 mA 85ºC
OUT
ON/BYP = high
automatic transition
into bypass mode
rising V
IN
0
500
1000
1500
2000
2500
3000
3500
0
10
20
30
40
50
I
- Output Current - mA
OUT
L = 2.2 H Murata LQM21PN2R2,
C
= 2.2 F,
ON/BYP = V
m
m
OUT
IN
V
= 2.3 V
IN
V
= 2.5 V
IN
V
= 2.7 V
IN
V
= 3 V
IN
V
= 3.3 V
IN
V
= 3.6 V
IN
TPS62730
www.ti.com
SLVSAC3
– MAY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 9. rDS(ON) NMOS vs Input Voltage
Figure 10. Automatic Transition into Bypass Mode -
Falling VIN
Figure 11. Automatic Transition into Bypass Mode - Rising
Figure 12. Switching Frequency vs IOUT vs VIN
VIN
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - TPS62732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62732 TI-TPS62732 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62732DRY TI1-TPS62732DRY Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62732DRYR TI-TPS62732DRYR Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62732DRYT TI-TPS62732DRYT Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results

Similar Description - TPS62732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com