Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1560W Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT1560W
Description  Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1560W Datasheet(HTML) 1 Page - Sharp Corporation

  LT1560W Datasheet HTML 1Page - Sharp Corporation LT1560W Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Supply voltage for IC
Supply voltage for LED
Input voltage
Turn-on time
Operating temperature
Storage temperature
Power dissipation
VCC
V(R,G)
V(B)
V1
tON
Topr
Tstg
P
-0.3 to +5.5
-0.3 to +5.5
-0.3 to +8.5
-0.3 to VCC+0.3
1
-10 to +60
-20 to +70
54
V
V
V
V
ms
˚C
˚C
W
(Ta=25˚C)
Parameter
Rating
Unit
Symbol
1/fENA
td(A-E)
td(L-C)
VD(n+2) data
th
tsu
td(E-A)
td(L-A)
VD(n+1) data
td(C-L)
t WENA
dD
t
tWL
tWCLK
DATA(OUT)
LATCH
DATA
CLOCK
OFF
VD
(n)
ADDRESS
VD
(n+1)
(A0~A3)
VD(n+1)data on
VD(n)data on
R,G,B
R,G,B
R,G,BENABLE
175
s Absolute Maximum Ratings
s Electrical Characteristics
s Timing Chart
s Block Diagram
Full Color Dot Matrix LED Unit for Indoor Use LT1560W(Chip Type)
s Features
¡No. of dots : 16!32dots
¡Outline dimensions : 96!192mm
¡Dot size : 3.0!3.0mm
¡Dot pitch : 6.0mm
¡Radiation color : Blue+Yellow-green+Red(Full color)
¡Driving method : 1/16 duty dynamic drive
Symbol
MIN.
TYP.
MAX.
Unit
VCC
V(R,G)*1
V(B)*2
ICC
I1(R,G)
I2(B)
VIH
VIL
IIH
IIL
fCLK
fFR
4.75
4.75
7.75
------
------
------
3.5
------
------
------
------
70
V
V
V
mA
A
A
V
V
µA
mA
MHZ
HZ
5.25
5.25
8.25
500
5.5
2.5
------
1.5
0.1
0.12
10
1000
5.0
5.0
8.0
300
4.5
2.0
------
------
------
------
------
250
*1 Red, Yellow-green
*2 Blue
(Ta=25˚C,VCC=5V,V(R, G)=5V,V(B)=8V)
Supply voltage for IC
Supply voltage for LED
IC current dissipation
LED current dissipation
Input voltage
Input current
Clock frequency
Frame frequency
Parameter
(80)
(100)
(30)
635
565
430
35
30
65
Luminance
Peak emission wavelength
Spectrum radiation bandwidth
cd/m2
nm
nm
LV
λp
∆λ
Parameter
Symbol
Unit
TYP.
(Ta=25˚C,VCC=5V,V(R, G)=5V,V(B)=8V)
Red
Yellow-green
Blue
Red
Yellow-green
Blue
Red
Yellow-green
Blue
Supply voltage for LED(Red,Yellow-green)+5V
Supply voltage for LED(Blue)+8V
Supply voltage for IC+5V
Ground
Address specification signal for column driver
Serial data input for each color(H:ON, L:OFF)
VD31/VD0
L: Display data is kept. H: Serial data is converted
to display data.
Controls ON/OFF of each color of LED
(H: LED OFF)
Clock signal for data transmission in the shift-
register.(L/H: serial data is shifted.)
Ground for signal
Buffered input signal
Input signal generated through 32-bit shift
register
Buffered input signal
Buffered input signal
Buffered input signal
Ground for signal
V(R)
V(G,B)
VCC
GND
A0 to A3
RDATA
GDATA
BDATA
LATCH
RENABLE
GENABLE
BENABLE
CLOCK
GND
A0 to A3
RDATA
GDATA
BDATA
LATCH
RENABLE
GENABLE
BENABLE
CLOCK
GND
Function
Each signal is used as input signal for next unit.
*As for the terminal number, refer to the outline dimensions.
Connector
Power
supply
(CN1)
Input
signal
(CN2)
Output
signal
(CN3)
Symbol
CLOCK
BENABLE
GENABLE
RENABLE
LATCH
BDATA
GDATA
RDATA
A3
A2
A1
A0
CLOCK
BENABLE
GENABLE
RENABLE
LATCH
BDATA
GDATA
RDATA
A3
A2
A1
A0
IN
OUT
TRICHROMATIC
Nch FET DRIVER
16!16DOT!2
LED MATRIX
4TO 16 DECODER
HC367
331
473
I/O part
s Optical Characteristics
s Terminal Functions
(Under development)


Similar Part No. - LT1560W

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1560ED SHARP-LT1560ED Datasheet
208Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip Type)
More results

Similar Description - LT1560W

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1550W SHARP-LT1550W Datasheet
570Kb / 2P
   Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1550ED SHARP-LT1550ED Datasheet
247Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1560ED SHARP-LT1560ED Datasheet
208Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1465M SHARP-LT1465M Datasheet
248Kb / 2P
   Dot Matrix LED Unit for Indoor Use(Lamp Type)
LT1451ED SHARP-LT1451ED Datasheet
208Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
LT1461ED SHARP-LT1461ED Datasheet
245Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
LT1455M SHARP-LT1455M Datasheet
215Kb / 2P
   Dot Matrix LED Unit for Indoor/Outdoor Use(Lamp Type)
logo
Rohm
LPM-1153BMU813 ROHM-LPM-1153BMU813 Datasheet
134Kb / 2P
   Full color dot matrix unit
LPM5123BMUA51F ROHM-LPM5123BMUA51F Datasheet
74Kb / 2P
   Full color dot matrix unit
LPM-5123BMU801 ROHM-LPM-5123BMU801 Datasheet
76Kb / 2P
   Full color dot matrix unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com