Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54160 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54160
Description  1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54160 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54160_11 Datasheet HTML 5Page - Texas Instruments TPS54160_11 Datasheet HTML 6Page - Texas Instruments TPS54160_11 Datasheet HTML 7Page - Texas Instruments TPS54160_11 Datasheet HTML 8Page - Texas Instruments TPS54160_11 Datasheet HTML 9Page - Texas Instruments TPS54160_11 Datasheet HTML 10Page - Texas Instruments TPS54160_11 Datasheet HTML 11Page - Texas Instruments TPS54160_11 Datasheet HTML 12Page - Texas Instruments TPS54160_11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
100
105
110
115
120
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
V
-V
SENSE
V =12V,
T =25°C
I
J
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
0.5
1
1.5
2
0
10
20
30
40
50
60
V -InputVoltage-V
I
T =25°C
J
90
100
110
120
130
140
0
20
40
60
V -InputVoltage-V
I
T =25 C,
V
=0.83V
J
I(VSENSE)
o
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
=0.83V
I
I(VSENSE)
TPS54160
www.ti.com
SLVS795C – OCTOBER 2008 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS (continued)
SS/TR DISCHARGE CURRENT vs JUNCTION
TEMPERATURE
SWITCHING FREQUENCY vs VSENSE
Figure 13.
Figure 14.
SHUTDOWN SUPPLY CURRENT vs JUNCTION
TEMPERATURE
SHUTDOWN SUPPLY CURRENT vs INPUT VOLTAGE (Vin)
Figure 15.
Figure 16.
VIN SUPPLY CURRENT vs JUNCTION TEMPERATURE
VIN SUPPLY CURRENT vs INPUT VOLTAGE
Figure 17.
Figure 18.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54160


Similar Part No. - TPS54160_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160 TI-TPS54160_15 Datasheet
2Mb / 57P
[Old version datasheet]   TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54160_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com