Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS570LS3137 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments TMS570LS3137 Datasheet HTML 10Page - Texas Instruments TMS570LS3137 Datasheet HTML 11Page - Texas Instruments TMS570LS3137 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
FullPart#
TMS
570
LS
31
3
7
A ZWT
Q
Q1
R
OrderablePart#
TMX
570
31
3
7
A ZWT
Q
Q1
R
Prefix: TM
TMS=FullyQualified
TMP =Prototype
TMX=Samples
Core Technology:
570=CortexR4F
Architecture:
LS=DualCPUsinLockstep
(notincludedinorderablepart#)
FlashMemorySize:
31=3MB
RAMMemorySize:
3=256kB
PeripheralSet:
7=FlexRay,Ethernet
DieRevision:
Blank=InitialDie
A =1stDieRevision
Package Type:
ZWT =337BGA Package
PGE=144PinPackage
TemperatureRange:
Q=-40...+125 C
o
QualityDesignator:
Q1= Automotive
ShippingOptions:
R= TapeandReel
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
The figure below illustrates the numbering and symbol nomenclature for the TMS570LS3137 .
Figure 1-1. TMS570LS3137 Device Numbering Conventions
1.1.2
Orderable Part Numbers
Table 1-1. Orderable Part Numbers
Orderable Part #
Part #
Flash
RAM
EMAC
FlexRay
TMX5703137APGEQQ1
TMS570LS3137
3MB
256kB
10/100
2ch
TMX5703137AZWTQQ1
TMS570LS3137
3MB
256kB
10/100
2ch
8
Contents
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137


Similar Part No. - TMS570LS3137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3137 TI1-TMS570LS3137 Datasheet
2Mb / 159P
[Old version datasheet]   TMS570LS3137 16/32-Bit RISC Flash Microcontroller
TMS570LS3137 TI1-TMS570LS3137 Datasheet
8Mb / 173P
[Old version datasheet]   TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS3137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3137 TI1-TMS570LS3137_12 Datasheet
2Mb / 159P
[Old version datasheet]   TMS570LS3137 16/32-Bit RISC Flash Microcontroller
TMS570LS3137 TI1-TMS570LS3137_15 Datasheet
8Mb / 173P
[Old version datasheet]   TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com