Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK100PHPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100PHPR
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100PHPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK100PHPR Datasheet HTML 5Page - Texas Instruments TLK100PHPR Datasheet HTML 6Page - Texas Instruments TLK100PHPR Datasheet HTML 7Page - Texas Instruments TLK100PHPR Datasheet HTML 8Page - Texas Instruments TLK100PHPR Datasheet HTML 9Page - Texas Instruments TLK100PHPR Datasheet HTML 10Page - Texas Instruments TLK100PHPR Datasheet HTML 11Page - Texas Instruments TLK100PHPR Datasheet HTML 12Page - Texas Instruments TLK100PHPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
TLK100
www.ti.com
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
2.8
10 Mb/s and 100 Mb/s PMD Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
Differential common driver transmit output (PMD Output Pair). These differential outputs are automatically
configured to either 10BASE-T or 100BASE-TX signaling.
TD–, TD+
8, 9
I/O
In Auto-MDIX mode of operation, this pair can be used as the Receive Input pair. These pins require 1.8V
or 3.3V bias for operation.
Differential receive input (PMD Input Pair). These differential inputs are automatically configured to accept
either 100BASE-TX or 10BASE-T signaling.
RD–, RD+
5, 6
I/O
In Auto-MDIX mode of operation, this pair can be used as the Transmit Output pair. These pins require
1.8V or 3.3V bias for operation.
2.9
Power and Bias Connections
PIN
TYPE
DESCRIPTION
NAME
NO.
RBIAS
3
I
Bias Resistor Connection. Use a 4.99k
Ω 1% resistor connected from RBIAS to GND.
1.8V Power Feedback Output. A 1
μF capacitor (ceramic preferred), should be placed close to the
V18_PFBOUT
40
O
V18_PFBOUT.
In single supply operation, connect this pin should be connected to V18_PFBIN1 and V18_PFBIN2 (pin
2 and pin 4). See Figure 2-1 for proper placement pin.
In multiple supply operation, when supplying 1.8V from external supply, this pin should be connected
together with VDD33_V18 (pin 41), V18_PFBIN1 and V18_PFBIN2 (pin 2 and pin 4) to the 1.8V external
supply source. See Figure 2-2 for proper placement pin.
1.1V Analog Power Feedback Output. A 1
μF capacitor (Ceramic preferred), should be placed close to
VA11_PFBOUT
10
O
the VA11_PFBOUT.
In single supply operation this pin should be connected to VA11_PFBIN1 and V11_PFBIN2 (pin 1 and
pin 7). See Figure 2-1 for proper placement pin.
In multiple supply operation, when supplying 1.1V from external supply, this pin should be connected
together with VDD33_VA11 (pin 11), V11_PFBIN1 and V11_PFBIN2 (pin 1 and pin 7) to 1.1V external
supply source. See Figure 2-3 for proper placement pin.
1.8V Power Feedback Input. These pins are fed with power from V18_PFBOUT (pin 40) in single supply
V18_PFBIN1
2
operation.
I
1.8V from external source in multiple supply operation. A small 1
μF capacitor should be connected close
V18_PFBIN2
4
to each pin.
1.1V Analog Power Feedback Input. These pins are fed with power from: VA11_PFBOUT (pin 10) in
VA11_PFBIN1
1
single supply operation.
I
1.1V from external source in multiple supply operation. A small capacitor of 0.1
μF should be connected
VA11_PFBIN2
7
close to each pin.
VDD11
20
O
1.1V Core Power Output. A capacitor of 1
μF (Ceramic preferred) , should be placed close to the VDD11
17
VDD33_IO
P
I/O 3.3V Supply
29
External supply input to 1.1V analog regulator
VDD33_VA11
11
P
This pin should be connected to 3.3V or 2.5V external supply, in single supply operation.
In multiple supply operation this pin should be connected to external 1.1V supply source.
External supply input to 1.8V regulator
VDD33_V18
41
P
In single supply operation, this pin should be connected to a 3.3V or 2.5V external supply. In multiple
supply operation this pin should be connected to an external 1.8V supply source.
External supply input to 1.1V Core regulator
VDD33_VD11
21
P
This pin should be connected to 3.3V or 2.5V external supply, in single supply operation.
In multiple supply operation this pin should be connected to external 1.1V supply source.
VSS
38
P
Ground pin for Oscillator
GNDPAD
49
P
Ground Pad
Copyright © 2009, Texas Instruments Incorporated
Pin Descriptions
9
Submit Documentation Feedback
Product Folder Link(s): TLK100


Similar Part No. - TLK100PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10002CTR TI1-TLK10002CTR Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK100PHPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C TI-DP83848C Datasheet
711Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVV TI1-DP83848CVV Datasheet
722Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com