Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK100PHP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100PHP
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100PHP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK100PHP Datasheet HTML 6Page - Texas Instruments TLK100PHP Datasheet HTML 7Page - Texas Instruments TLK100PHP Datasheet HTML 8Page - Texas Instruments TLK100PHP Datasheet HTML 9Page - Texas Instruments TLK100PHP Datasheet HTML 10Page - Texas Instruments TLK100PHP Datasheet HTML 11Page - Texas Instruments TLK100PHP Datasheet HTML 12Page - Texas Instruments TLK100PHP Datasheet HTML 13Page - Texas Instruments TLK100PHP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
1 :1
1 :1
T1
RJ 45
3.3V
Supply
TLK100
11
VDD33_VA11
10
VA11_PFBOUT
1
VA11_PFBIN1
7
VA11_PFBIN2
21
VDD33_VD11
20
VDD11
.
17
VDD33_IO
29
VDD33_IO
5
RD–
RD–
6
RD+
RD+
49.9W
1.0 F
m
*
8
TD–
TD–
9
TD+
TD+
*
41
VDD33_V18
40
V18_PFBOUT
2
V18_PFBIN1
4
V18_PFBIN2
49.9W
49.9W
49.9W
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
3.3V
Supply
3.3V
Supply
0.1 F
m
1.0 F
m
1.0 F
m
3.3V
Supply
3.3V
Supply
TLK100
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
www.ti.com
2.10 Power Supply Configuration
The TLK100 provides best-in-class flexibility of power supplies.
Single supply operation – If a single 3.3V power supply is desired, the TLK100 will sense the presence
of the supply and configure the internal voltage regulators to provide all necessary supply voltages. To
operate in this mode, connect the TLK100 supply pins according to the following scheme:
Figure 2-1. Power Scheme for Single Supply Operation
Multiple Supply operation – When additional 1.8V and/or 1.1V external power rails are available, the
TLK100 can be configured in various ways as given in Table 2-1. This gives the highest flexibility for
the user and enables significant reduction in power consumption. When using multiple external
supplies, the internal regulators must be disabled by appropriate device connections.
When an external 1.8V rail is available – Connect the external 1.8V to all following TLK100 pins to
enable proper operation: V18_PFBOUT (pin 40), V18_PFBIN1 (pin 2), V18_PFBIN2 (pin 4) and
VDD33_V18 (pin 41). In addition, connect the 1.8V rail to the transformer center tap to further
reduce the transmission power, as shown in Figure 2-2:
10
Pin Descriptions
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK100


Similar Part No. - TLK100PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10002CTR TI1-TLK10002CTR Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK100PHP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C TI-DP83848C Datasheet
711Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVV TI1-DP83848CVV Datasheet
722Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com