Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2111IRSA16T Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2111IRSA16T
Description  MIXED SIGNAL MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2111IRSA16T Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430G2111IRSA16T Datasheet HTML 7Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 8Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 9Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 10Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 11Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 12Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 13Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 14Page - Texas Instruments MSP430G2111IRSA16T Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MSP430G2x11
MSP430G2x01
www.ti.com
SLAS695F
– FEBRUARY 2010 – REVISED AUGUST 2011
Memory Organization
Table 8. Memory Organization
MSP430G2001
MSP430G2101
MSP430G2201
MSP430G2011
MSP430G2111
MSP430G2211
Memory
Size
512B
1kB
2kB
Main: interrupt vector
Flash
0xFFFF to 0xFFC0
0xFFFF to 0xFFC0
0xFFFF to 0xFFC0
Main: code memory
Flash
0xFFFF to 0xFE00
0xFFFF to 0xFC00
0xFFFF to 0xF800
Information memory
Size
256 Byte
256 Byte
256 Byte
Flash
010FFh to 01000h
010FFh to 01000h
010FFh to 01000h
RAM
Size
128B
128B
128B
027Fh to 0200h
027Fh to 0200h
027Fh to 0200h
Peripherals
16-bit
01FFh to 0100h
01FFh to 0100h
01FFh to 0100h
8-bit
0FFh to 010h
0FFh to 010h
0FFh to 010h
8-bit SFR
0Fh to 00h
0Fh to 00h
0Fh to 00h
Flash Memory
The flash memory can be programmed via the Spy-Bi-Wire/JTAG port or in-system by the CPU. The CPU can
perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
Flash memory has n segments of main memory and four segments of information memory (A to D) of
64 bytes each. Each segment in main memory is 512 bytes in size.
Segments 0 to n may be erased in one step, or each segment may be individually erased.
Segments A to D can be erased individually or as a group with segments 0 to n. Segments A to D are also
called information memory.
Segment A contains calibration data. After reset segment A is protected against programming and erasing. It
can be unlocked but care should be taken not to erase this segment if the device-specific calibration data is
required.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430G2111IRSA16T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2111IRSA16T TI-MSP430G2111IRSA16T Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2111IRSA16T TI-MSP430G2111IRSA16T Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2111IRSA16T TI-MSP430G2111IRSA16T Datasheet
848Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2111IRSA16T TI-MSP430G2111IRSA16T Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2111IRSA16T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com