Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-P_1110 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # SS-P_1110
Description  SS Series Compatible Mounting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-P_1110 Datasheet(HTML) 2 Page - Omron Electronics LLC

  SS-P_1110 Datasheet HTML 1Page - Omron Electronics LLC SS-P_1110 Datasheet HTML 2Page - Omron Electronics LLC SS-P_1110 Datasheet HTML 3Page - Omron Electronics LLC SS-P_1110 Datasheet HTML 4Page - Omron Electronics LLC SS-P_1110 Datasheet HTML 5Page - Omron Electronics LLC SS-P_1110 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
104
Subminiature Basic Switch
SS-P
Specifications
■ Characteristics
Note: 1. The data given above are initial values.
2. The dielectric strength shown in the table indicates a value for models with a Separator.
3. For the pin plunger models, the above values apply for both the free position and total travel position. For the lever models, the values
apply at the total travel position. Contact opening or closing time is within 1 ms.
■ Ratings
Note: The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute
■ Approved Standards
UL Recognized (File No. E41515)
CSA Certified (UL approval)
EN61058-1 - - VDE approval
(File No. 40008425)
Testing conditions: 5E4 (50,000 operations), T55 (0
°C to 55°C)
Note: The rated values approved by each of the safety standards
(e.g. UL, CSA) may be different from the performance charac-
teristics individually defined in this catalog.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Operating speed
0.1 mm to 1 m/s (for pin plunger models)
Operating frequency
Mechanical: 300 operations/min
Electrical: 30 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
SS-3P: 50 m
Ω max.
SS-01P: 100 m
Ω max.
Dielectric strength (See note 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarities
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and
between each terminal and non-current-carrying metal parts
Vibration resistance (See note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (See note 3)
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 300 m/s2 (approx. 30 G) max.
Degree of protection
IEC IP40
Degree of protection against electrical shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
−25°C to 85°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Life expectancy
Mechanical: 1,000,000 operations min. (60 operations/min)
Electrical: SS-3P:
70,000 operations min. (20 operations/min, 125 VAC)
100,000 operations min. (20 operations/min, 30 VDC)
SS-01P: 200,000 operations min. (20 operations/min)
Weight
Approx. 1.6 g (for pin plunger models)
Model
SS-3P
SS-01P
Rated voltage
Item
Resistive load
125 VAC
3 A
0.1 A
30 VDC
3 A
0.1 A
Rated Voltage
SS-3P
SS-01P
125 VAC
3 A
0.1 A
30 VDC
3 A
0.1 A
Rated Voltage
SS-3P
SS-01P
125 VAC
3 A
0.1 A
30 VDC
3 A
0.1 A
Item
SS-3P
SS-01P
Specification
Rivet
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard value)
0.5 mm
Minimum applicable
load (see note)
160 mA at 5 VDC
1 mA at 5 VDC


Similar Part No. - SS-P_1110

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
SS-PDR GAMEWELL-FCI-SS-PDR Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
More results

Similar Description - SS-P_1110

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SS SHARMA-SS Datasheet
340Kb / 2P
   SS Series
logo
E-SWITCH
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
   SERIES SS SWITCHES
logo
PHOENIX CONTACT
0321019 PHOENIX-0321019 Datasheet
222Kb / 8P
   URTK/SS
logo
TE Connectivity Ltd
C-5-1419124-7 TEC-C-5-1419124-7 Datasheet
129Kb / 2P
   OSA-SS-DM5,000,000M
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Japan Aviation Electron...
FI-S4S JAE-FI-S4S Datasheet
105Kb / 2P
   FI-SS HOUSING
logo
Bel Fuse Inc.
SS-7388H33-NF BEL-SS-7388H33-NF Datasheet
107Kb / 1P
   SS-7388H33-NF
SS-7388H11S-PG4 BEL-SS-7388H11S-PG4 Datasheet
132Kb / 1P
   SS-7388H11S-PG4
logo
Japan Aviation Electron...
FI-S8S JAE-FI-S8S Datasheet
106Kb / 2P
   FI-SS HOUSING
logo
FIBOX Enclosing innovat...
8612004 FIBOX-8612004 Datasheet
38Kb / 1P
   SS Twist Latch
18.07.2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com