Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # S1M
Description  1 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S1M Datasheet(HTML) 2 Page - Micro Commercial Components

  S1M Datasheet HTML 1Page - Micro Commercial Components S1M Datasheet HTML 2Page - Micro Commercial Components S1M Datasheet HTML 3Page - Micro Commercial Components S1M Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Junction Capacitance - pF
versus
Reverse Junction Potential (Applied V + 0.7 Volts) - Volts
Figure 2
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
1
10
100
6
12
18
24
30
36
Figure 3
Maximum Overload Surge Current
Peak Forward Current - Amperes
versus
Number of Cycles at 60Hz
Amps
Cycles
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 4
Forward Derating Curve
020
40
60
80 100 120 140 160 180
0
.2
.4
.6
.8
1.0
1.2
1.4
Resistive or
Inductive Load
Amps
°C
200
60
40
4
400
1000
Typical
Distribution
Median
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
MCC
S1A thru S1M
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - S1M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1M PANJIT-S1M Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1M DIOTEC-S1M Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Shanghai Shunye Electro...
S1M SY-S1M Datasheet
234Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1M MCC-S1M Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
DACO SEMICONDUCTOR CO.,...
S1M DACO-S1M Datasheet
443Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - S1M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_11 Datasheet
242Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Jin Yu Semicon...
GS1A HTSEMI-GS1A Datasheet
755Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GS1A MCC-GS1A Datasheet
619Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR107-T MCC-FR107-T Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_13 Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A-L MCC-S1A-L Datasheet
235Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A-L MCC-S1A-L_13 Datasheet
270Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com