Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1J Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S1J
Description  1 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S1J Datasheet(HTML) 1 Page - Micro Commercial Components

  S1J Datasheet HTML 1Page - Micro Commercial Components S1J Datasheet HTML 2Page - Micro Commercial Components S1J Datasheet HTML 3Page - Micro Commercial Components S1J Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Amp
Silicon Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
12pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
DO-214AA
(SMB) (Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
S1A
THRU
S1M
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S1A
S1A
50V
35V
50V
S1B
S1B
100V
70V
100V
S1D
S1D
200V
140V
200V
S1G
S1G
400V
280V
400V
S1J
S1J
600V
420V
600V
S1K
S1K
800V
560V
800V
S1M
S1M
1000V
700V
1000V
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
Maximum Reverse
Recovery Time
T rr
2.0
µs IF = 0.5A;IR = 1.0A;
Irr = 0.25A;
TM
Micro Commercial Components
For Surface Mount Applications
Extremely Low Thermal Resistance
Easy Pick And Place
High Temp Soldering: 260
°C for 10 Seconds At Terminals
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - S1J

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
S1J DIOTECH-S1J Datasheet
695Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Pan Jit International I...
S1J PANJIT-S1J Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1J DIOTEC-S1J Datasheet
160Kb / 3P
   Standard Recovery SMD Rectifier Diodes
logo
Kingtronics Internation...
S1J KINGTRONICS-S1J Datasheet
911Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1J MCC-S1J Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S1J

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_11 Datasheet
242Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Jin Yu Semicon...
GS1A HTSEMI-GS1A Datasheet
755Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GS1A MCC-GS1A Datasheet
619Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR107-T MCC-FR107-T Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_13 Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A-L MCC-S1A-L Datasheet
235Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A-L MCC-S1A-L_13 Datasheet
270Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com