Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR4KB80 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UR4KB80
Description  Single Phase 4.0Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR4KB80 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UR4KB80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR4KB80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (UR4KB60 THRU UR4KB100)
FIG.1 FORWARD CURRENT DERATING CURVE
0
1
2
3
4
5
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160
CASE TEMPERATURE (
oC)
Mount on 2" x 3" x 0.25"
Al plate heat sink
Without heat sink
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
(JEDEC Method)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 5 FORWARD POWER DISSIPATION
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
FORWARD RECTIFIED CURRENT Io (A)
FIG. 4 TYPICAL FORWARD CHARACTERISRICS
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
TA=25℃
TA=125℃


Similar Part No. - UR4KB80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR4KB80 TSC-UR4KB80 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
UR4KB80 TSC-UR4KB80 Datasheet
199Kb / 3P
   Glass Passivated Bridge Rectifiers
UR4KB80 TSC-UR4KB80 Datasheet
201Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
UR4KB80 ZSELEC-UR4KB80 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
UR4KB80 ZSELEC-UR4KB80 Datasheet
104Kb / 2P
   4.0A BRIDGE RECTIFIER
More results

Similar Description - UR4KB80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBL005 TSC-GBL005_11 Datasheet
136Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_11 Datasheet
139Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_12 Datasheet
189Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ4005 YANGJIE-GBJ-KBJ4005 Datasheet
287Kb / 2P
   SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 YANGJIE-GBL005 Datasheet
242Kb / 2P
   SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_10 Datasheet
128Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com