Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML150FB12 Datasheet(PDF) 2 Page - Seme LAB

Part # SML150FB12
Description  HIGH PERFORMANCE POWER SEMICONDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML150FB12 Datasheet(HTML) 2 Page - Seme LAB

  SML150FB12 Datasheet HTML 1Page - Seme LAB SML150FB12 Datasheet HTML 2Page - Seme LAB SML150FB12 Datasheet HTML 3Page - Seme LAB SML150FB12 Datasheet HTML 4Page - Seme LAB SML150FB12 Datasheet HTML 5Page - Seme LAB SML150FB12 Datasheet HTML 6Page - Seme LAB SML150FB12 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Turn on delay time
Ic=150A, Vcc=600V
Vge=+/15V,Rg=8.2Ω,Tvj=25C
Vge=+/-15V,Rg=8.2Ω,Tvj=125C
td,on
250
300
nsec
nsec
Rise time
Ic=150A, Vcc=600V
Vge=+/-15V,Rg=8.2Ω,Tvj=25C
Vge=+/-15V,Rg=8.2Ω,Tvj=125C
tr
90
100
nsec
nsec
Turn off delay time
Ic=150A, Vcc=600V
Vge=+/-15V,Rg=8.2Ω,Tvj=25C
Vge=+/-15V,Rg=8.2Ω,Tvj=125C
td,off
550
650
nsec
nsec
Fall time
Ic=150A, Vcc=600V
Vge=+/-15V,Rg=8.2Ω,Tvj=25C
Vge=+/-15V,Rg=8.2Ω,Tvj=125C
tf
130
160
nsec
nsec
Turn energy loss per pulse
Ic=150A,Vce=600V,Vge=15V
Rge=8.2Ω,L=80nH
Tvj=125C
Eon
11
mJ
Turn off energy loss per pulse Ic=150A,Vce=600V,Vge=15V
Rge=8.2Ω,L=80nH
Tvj=125C
Eoff
24
mJ
SC Data
tp≤10µsec, Vge≤15V Vcc=900V,
Vce(max)=Vces-Lσdi/dt Tvj=125C
Isc
600
A
Stray Module inductance
Lσce
40
nH
Terminal-chip resistance
Rc
1.2
mΩ
Forward voltage
Ic=150A,Vge=0V, Tc=25C
Ic=150A,Vge=0V, Tc=125C
Vf
1.65
1.65
2.1 V
V
Peak reverse recovery current If=150A, -di/dt=1500A/µsec
Vce=600V,Vge=-15V,Tvj=25C
Vce=600V,Vge=-15V,Tvj=125C
Irm
110
140
A
A
Recovered charge
If=150A, -di/dt=1500A/µsec
Vce=600V,Vge=-15V,Tvj=25C
Vce=600V,Vge=-15V,Tvj=125C
Qr
15
28
µC
µC
Reverse recovery energy
If=150A, -di/dt=1500A/µsec
Vce=600V,Vge=-10V,Tvj=25C
Vce=600V,Vge=-10V,Tvj=125C
Erec
7.0
14
mJ
mJ
Diode characteristics


Similar Part No. - SML150FB12

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
SML1505 PROMOCO-SML1505 Datasheet
467Kb / 2P
   Linear Stepping Motor Unit
logo
Seme LAB
SML150MAT12 SEME-LAB-SML150MAT12 Datasheet
230Kb / 8P
   HIGH RELIABILTY PLASTIC HYBRID MODULE
logo
XP Power Limited
SML150PS12 XPPOWER-SML150PS12 Datasheet
86Kb / 2P
   AC-DC Power Supplies
SML150PS13 XPPOWER-SML150PS13 Datasheet
86Kb / 2P
   AC-DC Power Supplies
SML150PS15 XPPOWER-SML150PS15 Datasheet
86Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - SML150FB12

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100HB06 SEME-LAB-SML100HB06 Datasheet
639Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12 SEME-LAB-SML300HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB06 SEME-LAB-SML400HB06 Datasheet
650Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB06 SEME-LAB-SML300HB06 Datasheet
635Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML50HB06 SEME-LAB-SML50HB06 Datasheet
617Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML75HB06 SEME-LAB-SML75HB06 Datasheet
641Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12GG SEME-LAB-SML300HB12GG Datasheet
239Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Microsemi Corporation
APT30M85BVRG MICROSEMI-APT30M85BVRG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com