Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6963SDCARV Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6963SDCARV
Description  20V Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6963SDCARV Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM6963SDCARV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6963SDCARV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6963SDCARV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6963SDCARV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6963SDCARV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6963SDCARV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM6963SD
20V Dual P-Channel MOSFET
2/6
Version: C09
Electrical Specifications (Ta =25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS =0V, ID =-250uA
BVDSS
-20
--
--
V
Gate Threshold Voltage
VDS =VGS, ID =-250uA
VGS(TH)
-0.5
-0.7
-1.0
V
Zero Gate Voltage Drain Current
VDS =-16V, VGS =0V
IDSS
--
--
-1
uA
Gate Body Leakage
VGS =±12V, VDS =0V
IGSS
--
--
±100
nA
On-State Drain Current
VDS =-5V, VGS =-4.5V
ID(ON)
-25
--
--
A
Drain-Source On-State Resistance
VGS =-4.5V, ID =-4.5A
RDS(ON)
--
23
30
m
VGS =-2.5V, ID =-3A
--
30
42
VGS =-1.8V, ID =-2A
--
45
68
Forward Transconductance
VDS =-5V, ID =-4.5A
gfs
--
16
--
S
Diode Forward Voltage
IS =-0.5A, VGS =0V
VSD
--
- 0.8
-1.3
V
Dynamic
b
Total Gate Charge
VDS =-10V, ID =-4.5A,
VGS =-4.5V
Qg
--
14
20
nC
Gate-Source Charge
Qgs
--
2.1
10
Gate-Drain Charge
Qgd
--
4.7
--
Input Capacitance
VDS =-10V, VGS =0V,
f =1.0MHz
Ciss
--
1500
--
pF
Output Capacitance
Coss
--
220
--
Reverse Transfer Capacitance
Crss
--
160
--
Switching
b,C
Turn-On Delay Time
VDD =-10V, RL =10 ,
ID =-1A, VGEN =-4.5V,
RG =6
td(on)
--
6
11
nS
Turn-On Rise Time
tr
--
13
23
Turn-Off Delay Time
td(off)
--
86
145
Turn-Off Fall Time
tf
--
42
70
Notes:
a. pulse test: PW≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM6963SDCARV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6963SDCARV TSC-TSM6963SDCARV Datasheet
453Kb / 6P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM6963SDCARV

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
   20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
   20V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803_12 Datasheet
313Kb / 5P
   20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com