Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6849 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6849
Description  P-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6849 Datasheet(HTML) 1 Page - Seme LAB

  2N6849 Datasheet HTML 1Page - Seme LAB 2N6849 Datasheet HTML 2Page - Seme LAB 2N6849 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P-CHANNEL
POWER MOSFET
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3098
Issue 2
Page 1 of 3
IRFF9130 / 2N6849
MOSFET Transistor In A Hermetic Metal TO-205AF Package
Single Pulse Avalanche Energy Rated
Designed For Switching, Power Supply,
Motor Control and Amplifier Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VDS
Drain – Source Voltage
-100V
VDG
Drain – Gate Voltage
RGS = 20K
-100V
VGS
Gate – Source Voltage
±20V
ID
Continuous Drain Current
Tc = 25°C
-6.5A
ID
Continuous Drain Current
Tc = 100°C
-4.1A
IDM
Pulsed Drain Current
(1)
-25A
PD
Total Power Dissipation at
Tc = 25°C
25W
Derate Above 25°C
0.2W/°C
EAS
Single Pulse Avalanche Energy
(2)(4)
500mJ
TJ
Junction Temperature Range
-55 to +150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJC
Thermal Resistance, Junction To Case
5
°C/W
RθJA
Thermal Resistance, Junction To Ambient
175
°C/W
INTERNAL PACKAGE INDUCTANCE
Symbols
Parameters
Typ.
Units
LS + LD
Total Inductance
7
nH
Notes
Notes
Notes
Notes
(1)
Repetitive Rating: Pulse width limited by maximum junction temperature
(2)
@VDD = -25V, Starting TJ = 25°C, L = 17.25mH, Peak IL = -6.5A, VGS = -10V
(3)
Pulse Width ≤ 300us, δ ≤ 2%
(4)
By Design Only, Not A Production Test.


Similar Part No. - 2N6849

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6849 SEME-LAB-2N6849 Datasheet
24Kb / 2P
   P.CHANNEL POWER MOSFETs
logo
Microsemi Corporation
2N6849 MICROSEMI-2N6849 Datasheet
101Kb / 2P
   P-CHANNEL MOSFET
2N6849 MICROSEMI-2N6849 Datasheet
164Kb / 4P
   P-CHANNEL MOSFET
logo
New Jersey Semi-Conduct...
2N6849 NJSEMI-2N6849 Datasheet
95Kb / 1P
   P-CHANNEL ENHANCEMENT MOSFET
logo
Seme LAB
2N6849HP SEME-LAB-2N6849HP Datasheet
126Kb / 3P
   P-CHANNEL POWER MOSFET
More results

Similar Description - 2N6849

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com